Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

C122A1 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. C122A1
Description  SILICON CONTROLLED RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

C122A1 Datasheet(HTML) 3 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
C122()1 Series
38
Motorola Thyristor Device Data
0
4
10
6
FIGURE 4 – MAXIMUM POWER DISSIPATION (FULL-WAVE)
2
8
IT(AV), AVERAGE ON-STATE CURRENT (AMPERES)
14
3
12
RESISTIVE OR INDUCTIVE LOAD. 50 TO 400 Hz
FIGURE 3 – MAXIMUM POWER DISSIPATION (HALF-WAVE)
5
8
6
4
7
2
0
1
60
°
120
°
180
°
DC
0
10
2
8
6
4
RESISTIVE OR INDUCTIVE LOAD. 50 TO 400 Hz
180
°
120
°
240
°
360
°
ONE CYCLE OF SUPPLY FREQUENCY
0
°
360
°
CONDUCTION
ANGLE
CONDUCTION
ANGLE
4
6
IT(AV), AVERAGE ON-STATE CURRENT (AMPERES)
3
5
8
7
2
0
1
CONDUCTION
ANGLE 30
°
CONDUCTION
ANGLE = 60
°
90
°


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MCR106Silicon Controlled Rectifiers 1 2 3 4 Motorola, Inc
MCR8SSilicon Controlled Rectifiers 1 2 Motorola, Inc
LSCP10C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
S6200THYRISTORS SILICON CONTROLLED RECTIFIERS 1 2 Motorola, Inc
MCK100-8Sensitive Gate Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor
MCR12Silicon Controlled Rectifiers 1 2 Motorola, Inc
UTCML1225The XL1225/ML1225 silicon controlled rectifiers 1 2 Unisonic Technologies
SCP6C60SILICON CONTROLLED RECTIFIERS 1 2 3 4 5 List of Unclassifed Manufacturers
F0810Silicon controlled rectifiers 1 List of Unclassifed Manufacturers
SCD6C60Silicon Controlled Rectifiers 1 2 3 4 5 SemiWell Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn