Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC1210GRX7RDBN121 Datasheet(PDF) 10 Page - YAGEO Corporation

Part # CC1210GRX7RDBN121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1210GRX7RDBN121 Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button CC1210GRX7RDBN121 Datasheet HTML 5Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 6Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 7Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 8Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 9Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 10Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 11Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 12Page - YAGEO Corporation CC1210GRX7RDBN121 Datasheet HTML 13Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Jan. 16, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
10
13
Product specification
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Temperature
Coefficient
4.6
Capacitance shall be measured by the steps shown
in the following table.
The capacitance change should be measured after
5 min at each specified temperature stage.
Step
Temperature(℃)
a
25± 2
b
Lower temperature± 3℃
c
25± 2
d
Upper Temperature± 2℃
e
25± 2
(1) Class I
Temperature Coefficient shall be calculated from
the formula as below
Temp, Coefficient =
6
10
T
x
C1
C1
-
C2
Δ
[ppm/℃]
C1: Capacitance at step c
C2: Capacitance at 125℃
∆T: 100℃(=125℃-25℃)
(2) Class II
Capacitance Change shall be calculated from the
formula as below
∆C =
C1
C1
-
C2
x 100%
C1: Capacitance at step c
C2: Capacitance at step b or d
<General purpose series>
Class1:
∆ C/C: ± 30ppm
Class2:
X7R: ∆ C/C: ±15%
Y5V: ∆ C/C: 22~-82%
<High Capacitance series>
Class2:
X7R/X5R: ∆ C/C: ±15%
Y5V: ∆ C/C: 22~-82%
Adhesion
IEC 60384-
21/22
4.7
A force applied for 10 seconds to the line joining
the terminations and in a plane parallel to the
substrate
Force
size ≥ 0603: 5N
Bending
Strength
4.8
Mounting in accordance with IEC 60384-22
paragraph 4.3
No visible damage
Conditions: bending 1 mm at a rate of 1 mm/s,
radius jig 5 mm
∆C/C
Class 1:
NP0: within ± 1% or 0.5 pF, whichever is greater
Class2:
X7R: ± 10%


Similar Part No. - CC1210GRX7RDBN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1210GRX7RDBN YAGEO-CC1210GRX7RDBN Datasheet
807Kb / 16P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1210GRX7RDBN121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com