Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SHT1-250C060DE Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # SHT1-250C060DE
Description  High Current Shunts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

SHT1-250C060DE Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  SHT1-250C060DE Datasheet HTML 1Page - Ohmite Mfg. Co. SHT1-250C060DE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
162
S Series
High Current Laboratory Shunts
dimen S ion S
(continued) in./mm
ho W to order
SHL1-1K0C075DE
Series
Current
1K0 = 1000 amps
500 = 500 amps
200 = 200 amps
100 = 100 amps
mV
075 = 75mV
025 = 25mV
050 = 50mV
060 = 60mV
Tolerance
D = ±0.5%
F = ±1%
Terminal Type
T = T-type
D = DIN-type
L = L-type
Terminal Material
C = copper surface
treatment (std.)
N = nickel plating
RoHS Compliant
3.94" (100mm ±1)
4.96" (126mm ±1)
0.24"
(6mm ±1)
2-
φ10.5 +.5/-0 2-M5
1.81"
(46mm ±1)
0.18"
(4.5mm ±.5)
1.69"
(43mm ±1)
0.47"
(12mm ±1)
0.35"
(9mm ±1)
0.71"
(18mm ±.5)
0.87"
(22mm ±1)
4.72" (120mm ±1)
6.69" (170mm ±1)
1.57"
(40mm ±1)
2.36"
(60mm ±1)
1.97"
(50mm ±1)
4-Ø11 +.5/-0
2.56"
(65mm ±1)
0.39"
(10mm ±1)
1.57"
(40mm ±1)
0.39"
(10mm ±1)
SHL1-1K2C060DE
SHL1-1K0C075DE
SHT1-500C075DE
SHL1-600C060DE
SHT1-500C100DE
1.57" (40mm ±1)
1.57"
(40mm ±.5)
Ø 0.53"
(13.5mm ±.5)
45° chamfer
Ø 0.20" (5mm ±.5)
Ø 0.59"
(15mm ±.5)
1.46" (37mm ±.5)
2-M3
3.15" (80mm ±1)
4.13" (105mm ±1)
4.72" (120mm ±1)
2.72" (69mm ±1)
5.75" (146mm ±1)
0.24"
(6mm ±.5)
2-Ø10.5 ±.2
2-M5
1.77"
(45mm ±.5)
1.69"
(43mm ±.5)
0.47"
(12mm ±.5)
0.35"
(9mm ±.5)
0.71"
(18mm ±.5)
0.87"
(22mm ±.5)


Similar Part No. - SHT1-250C060DE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SHT1-250C060DE OHMITE-SHT1-250C060DE Datasheet
502Kb / 2P
   60mv and 75mv versions
More results

Similar Description - SHT1-250C060DE

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SHD1-100C075DE OHMITE-SHD1-100C075DE Datasheet
361Kb / 2P
   High Current Shunts
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
   DC Current Shunts
October 2017
logo
Riedon Powertron
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSB-500-50 RIEDON-RSB-500-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSB-300-50 RIEDON-RSB-300-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-100 RIEDON-RSA-20-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com