Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-SERIES Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # S-SERIES
Description  High Current Shunts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

S-SERIES Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  S-SERIES Datasheet HTML 1Page - Ohmite Mfg. Co. S-SERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
161
Serie S Specification S
S Series
High Current Shunts
Terminal
Rated
Voltage
Accuracy
Series
Type
Construction Current
(mV)
Class
SHD1-100C060DE
DIN
Plate
100
60
0.50%
SHT1-250C060DE
T
Plate
250
60
0.50%
SHL1-600C060DE
L
Plate
600
60
0.50%
SHL1-1K2C060DE
L
Plate
1200
60
0.50%
SHD1-100C075DE
DIN
Plate
100
75
0.50%
SHT1-200C075DE
T
Plate
200
75
0.50%
SHT1-500C075DE
T
Plate
500
75
0.50%
SHL1-1K0C075DE
L
Plate
1000
75
0.50%
SHT1-500C100DE
T
Plate
500
100
0.50%
f ea ture S
•100-1200Aratings
•60mvand75mvversions
•0.5%accuracyclass
•Manganin(6J13)plateresistive
elementconstruction
•T,L,andDINtypeterminals
•H59-1(UNS37700)Brass
TerminalConstruction
characteri S tic S
Terminal Surface Coating
Acid Wash and Passivation
Resistor plate surface coating
Acid Wash and Passivation
Method of measurement
Null Balance Resistance Bridge
National standard
GB/T7676-1998 (Direct acting indicating analog electrical measuring
instruments and their accessories)
Safety standard
IEC610101-1: 1890 (Safety requirements for electrical equipment for mea-
surement, control, and laboratory use-Part I: General requirements)
Environmental standard
SJ/T11363-2006 (Requirements for concentration limits for certain hazard-
ous substances in electronic information products)
Derating
linearly from 25°C to 85°C
dimen S ion S
in./mm
2-M5
0.18" (4.5mm ±.5)
2-
φ8.5 +.5/-0
0.87"
(22mm ±1)
0.24"
(6mm ±1)
0.35" (9mm ±1)
1.69"
(43mm ±1)
0.47" (12mm ±1)
3.35" (85mm ±1)
1.02"(26mm ±1) SHT1-250C060DE 4.61" (117mm ±1)
0.87"(22mm ±1) SHT1-200C075DE 4.57" (116mm ±1)
1.97" (50mm ±1)
3.35" (85mm ±1)
4.09" (104mm ±1)
1.26"
(32mm ±1)
2-
φ8.5 +.5/-0
2-M5
0.39"
(10mm ±1)
0.87"
(22mm ±1)
SHT1-250C060DE
SHT1-200C075DE
SHD1-100C060DE
SHD1-100C075DE
(continued)


Similar Part No. - S-SERIES

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
S-SERIES KEYSIGHT-S-SERIES Datasheet
4Mb / 42P
   Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES Datasheet
5Mb / 44P
   Infiniium S-Series High-Definition Oscilloscopes
S-SERIES KEYSIGHT-S-SERIES_18 Datasheet
5Mb / 44P
   Infiniium S-Series High-Definition Oscilloscopes
More results

Similar Description - S-SERIES

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SHD1-100C075DE OHMITE-SHD1-100C075DE Datasheet
361Kb / 2P
   High Current Shunts
logo
IET Labs Inc.
DCCS IET-DCCS Datasheet
186Kb / 1P
   DC Current Shunts
October 2017
logo
Riedon Powertron
RSA-50-50 RIEDON-RSA-50-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-100-100 RIEDON-RSA-100-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-5 RIEDON-RSA-5 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-50 RIEDON-RSA-20-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSB-500-50 RIEDON-RSB-500-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSB-300-50 RIEDON-RSB-300-50 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
RSA-20-100 RIEDON-RSA-20-100 Datasheet
585Kb / 4P
   Precision Current / DC Current Shunts
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com