Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C264-058 Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # C264-058
Description  Ohmite introduces the C series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

C264-058 Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  C264-058 Datasheet HTML 1Page - Ohmite Mfg. Co. C264-058 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
169
Land Pattern
X and Y dimensions at user discretion
L – 0.16"(4.06mm)
ø 0.07" pth typ
(1.8mm)
ø 0.10" pth
(2.5mm)
CL
CL
Y
X
0.71"
(18.0mm)
TO-126
0.73"
(18.6mm)
0.08"
(2.0mm)
0.18"
(4.6mm)
L
C247-025-1AE
Series
No. of
clips
Clip size
Finish
A = black anodized
V = degreased
Length
(mm)
RoHS Compliant
C Series
TO-126, TO-247, TO-220 and TO-264 Package Heatsinks
Standard part numbers
No Finish (degreased)
Black Anodized
No. of Clips
C247-025-1VE
C247-025-1AE
1
C247-050-2VE
C247-050-2AE
2
C247-075-3VE
C247-075-3AE
3
C264-030-1VE
C264-030-1AE
1
C264-058-2VE
C264-058-2AE
2
C264-085-3VE
C264-085-3AE
3
C220-025-1VE
C220-025-1AE
1
C220-050-2VE
C220-050-2AE
2
C220-075-3VE
C220-075-3AE
3
C126-025-1VE
C126-025-1AE
1
C126-040-2VE
C126-040-2AE
2
Packaging: Bulk
D im ENS i ONS
h O w TO ORDER
0.71"
(18mm)
1.50"
(38mm)
1.12"
(28.5mm)
0.10"
(2.5mm)
0.785"
with TO-220
(19.94mm)
with TO-126
TO-126 & TO-220
TO-247
TO-264
0.806"
with TO-247
or TO-264
(20.47mm)
0.385"
(9.78mm)
0.100"
(2.54mm)
0.73"
(18.6mm)
1.28"
(32.5mm)
0.73"
(18.5mm)
0.10"
(2.5mm)
0.77"
(19.6mm)
0.385"
(9.78mm)
0.100"
(2.5mm)
L-0.16" (4.06mm)
(all models)
0.35"
(8.89mm)
0.08"
(2.08mm)
(all models)
0.57"
(14.48mm)
0.73"
(18.54mm)


Similar Part No. - C264-058

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
C264-058 OHMITE-C264-058 Datasheet
309Kb / 2P
   TO-247, TO-220 and TO-264 Package Heatsinks
C264-058 OHMITE-C264-058 Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
C264-058-2AE OHMITE-C264-058-2AE Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
C264-058-2VE OHMITE-C264-058-2VE Datasheet
525Kb / 2P
   Maximum Repeatability Constant spring force over repeated assembly/disassembly
More results

Similar Description - C264-058

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
SINK-C60 OHMITE-SINK-C60 Datasheet
497Kb / 2P
   Ohmite introduces the powerful B60
SINK-VM OHMITE-SINK-VM Datasheet
387Kb / 2P
   Ohmite introduces this new versatile heatsink
SINK-CP4 OHMITE-SINK-CP4 Datasheet
436Kb / 2P
   Designed for Ohmite products
logo
List of Unclassifed Man...
ESP-PSRAM64 ETC-ESP-PSRAM64 Datasheet
1Mb / 26P
   This document introduces the specifications of ESP-PSRAM64 and ESP-PSRAM64H.
Version 1.0
logo
STMicroelectronics
AN3269 STMICROELECTRONICS-AN3269 Datasheet
217Kb / 19P
   This application note introduces some
logo
Freescale Semiconductor...
MC68HC908JB12 FREESCALE-MC68HC908JB12 Datasheet
649Kb / 12P
   This section updates data sheet information and introduces the 20-pin SOIC
logo
List of Unclassifed Man...
C220 ETC2-C220 Datasheet
396Kb / 1P
   The C series thin-film PRTDs
C416 ETC2-C416 Datasheet
425Kb / 1P
   The C series thin-film PRTDs
logo
Ohmite Mfg. Co.
RES-30 OHMITE-RES-30 Datasheet
229Kb / 3P
   Ohmite Manufacturing?셲 family of High Energy
logo
Broadcom Corporation.
SAS3216 BOARDCOM-SAS3216 Datasheet
668Kb / 2P
   Extending RAID and SAS Technology Leadership, Avago Introduces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com