Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP-SERIES Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # CP-SERIES
Description  Cold Plate Four-pass Heatsink
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

CP-SERIES Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  CP-SERIES Datasheet HTML 1Page - Ohmite Mfg. Co. CP-SERIES Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
3
h eat Di SS i P ati ON
a TAP2K0 was used in testing.
CP Series
Cold Plate Four-pass Heatsink
D ime NS i ONS
h O w t O O r D er
Water Flow Rate (gpm)
0
0.5
0
1
2
1.5
2
1
2.5
4
6
5
3
0.025
0.015
0.005
0
0.02
0.01
0.03
0.035
2.000"±.032
(50.8mm)
2.000"±.032
(50.8mm)
2.24"
(56.9mm)
#8-32 UNC
tapped
thru-hole
(2 places)
CP4A-114A-108E
CP4A-114B-108E
CP4A-114C-108E
CL
3.70"
(95.0mm)
3.70"
(94.0mm)
5.450"±.032
(138.4mm)
#8-32 UNC
tapped
thru-hole
(4 places)
CL
6.0" REF.
(152.4mm)
0.750" REF.
(19.1mm)
4.500" REF.
(114.3mm)
3.0" REF.
(76.2mm)
2.000"±.032
(50.8mm)
5.450"±.032
(138.4mm)
4x Ø.265"
(6.73mm)
4x Ø.265"
(6.73mm)
4x Ø.265"
(6.73mm)
1.0" REF.
(25.4mm)
Ø
3/8"
(2mm)
CL
4.250" REF.
(108mm)
CP4A-114A-108E
Cold
Plate
Four Pass
RoHS
Compliant
Length
(mm)
Hole Pattern
A = no holes
B = TAP600/800
C = TA1K0/TA2K0
(assigned sequentially
for custom patterns)
Width
(mm)


Similar Part No. - CP-SERIES

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
CP-SERIES MITSUMI-CP-SERIES Datasheet
96Kb / 6P
   Power Inductors
More results

Similar Description - CP-SERIES

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
CP4-114A OHMITE-CP4-114A Datasheet
295Kb / 2P
   Cold Plate Four-pass Heatsink
logo
List of Unclassifed Man...
CEM3328 ETC-CEM3328 Datasheet
186Kb / 2P
   FOUR POLE LOW PASS VCF
logo
Microsemi Corporation
K3420B1EB1S MICROSEMI-K3420B1EB1S Datasheet
283Kb / 3P
   Silicon Power Rectifier Assemblies Plate Heatsink
logo
Adlink Technology Inc.
HPERC-KBL-MC ADLINK-HPERC-KBL-MC Datasheet
486Kb / 3P
   Extreme Rugged Cold Plate Mount System and MIL-DTL-38999 Connectors
logo
Maxim Integrated Produc...
MAX6620EVCMAXQU MAXIM-MAX6620EVCMAXQU Datasheet
667Kb / 11P
   Uses Four External Low-Cost PNP Pass Transistors
Rev 0; 3/08
logo
Lapp.
53113500 LAPP-53113500 Datasheet
256Kb / 2P
   SKINTOP® COLD M / COLD-R M
02.12.2021
logo
Pepperl+Fuchs Inc.
LB9112A PF-LB9112A Datasheet
463Kb / 1P
   Cold Junction Module
2020-03-30
logo
List of Unclassifed Man...
WK1V-115-020 ETC2-WK1V-115-020 Datasheet
85Kb / 2P
   COLD CAPILLARY CONTROLS
logo
Bi technologies
143-131A BITECH-143-131A Datasheet
388Kb / 3P
   COLD JUNCTION COMPENSATION MODULE
logo
OEN India Limited
04-CW07-50 OENINDIA-04-CW07-50 Datasheet
385Kb / 1P
   Cold Weather Cable Ties
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com