Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSM03K-050Q Datasheet(PDF) 2 Page - Phihong USA Inc.

Part # PSM03K-050Q
Description  2.75W Compact Fixed Blade Charger (United Kingdom) Ecodesign Compliant USB Adapter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PSM03K-050Q Datasheet(HTML) 2 Page - Phihong USA Inc.

  PSM03K-050Q Datasheet HTML 1Page - Phihong USA Inc. PSM03K-050Q Datasheet HTML 2Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PSM03K Characteristics
WWW.PHIHONG.COM
INPUT:
AC Input Voltage Rating
100 to 240VAC
AC Input Voltage Range
90 to 264VAC
AC Input Current
0.1A(RMS) max.
Leakage Current
0.25mA max. @ 230VAC
Inrush Current (cold)
<30A for 120VAC at max. load
<60A for 240VAC at max. load
(Cold start @ ambient 25°C)
Input Power Saving
<0.15W max. @ 230VAC at no load
OUTPUT:
Power
2.75W Maximum
Efficiency
Meets Level V Efficiency Requirements
63.7% minimum average efficiency
No-Load Power Saving
0.03W maximum at 115VAC/230VAC
Hold-up Time
10mS min. @ 120VAC and max. load
Over-voltage Protection
>120%, Zener Clamp
ENVIRONMENTAL:
Temperature
Operation
-10 to +40°C
Non-operation
-40 to +85°C
Humidity
Operation
10 to 90%
Immunity
ESD:
EN61000-4-2. Level 4
Surge:
EN61000-4-5. Level 4
Harmonic:
EN61000-3-2
Flicker:
EN61000-3-3
Emissions
FCC Class B
EN55022 Class B
Dielectric Withstand (Hi-pot) Test
Primary to Secondary: 3000VAC
Insulation Resistance
Primary to Secondary: 7M ohm 500VDC
MTBF
200K hours minimum at 120VAC, max load
(measured at ambient 25°C)
DC Output Connector
USB A
D+ and D- pins shorted together inside the charger
Dimension Diagram Unit: mm


Similar Part No. - PSM03K-050Q

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03K-050Q PHIHONG-PSM03K-050Q Datasheet
221Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03K-050Q-3W PHIHONG-PSM03K-050Q-3W Datasheet
221Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03K-050Q PHIHONG-PSM03K-050Q_18 Datasheet
221Kb / 3P
   2.75W Compact Fixed Blade Charger
More results

Similar Description - PSM03K-050Q

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PSM03E-050Q PHIHONG-PSM03E-050Q Datasheet
58Kb / 2P
   2.75W Compact Fixed Blade Charger (Europe) Ecodesign Compliant USB Adapter
PSM03A-050Q PHIHONG-PSM03A-050Q Datasheet
68Kb / 2P
   2.75W Compact Fixed Blade USB Charger
PSM03A-050Q PHIHONG-PSM03A-050Q_18 Datasheet
184Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3_18 Datasheet
175Kb / 3P
   2.75W Compact Fixed Blade USB Power Adapter
PSM03K-050Q PHIHONG-PSM03K-050Q_18 Datasheet
221Kb / 3P
   2.75W Compact Fixed Blade Charger
PSM03S-050Q-3 PHIHONG-PSM03S-050Q-3 Datasheet
192Kb / 3P
   2.75W Compact Fixed Blade Charger
logo
CUI INC
SMI-UK-3L CUI-SMI-UK-3L Datasheet
402Kb / 2P
   UNITED KINGDOM BLADE
SMI-UK-5 CUI-SMI-UK-5 Datasheet
173Kb / 2P
   UNITED KINGDOM BLADE
logo
Phihong USA Inc.
PSM03C-050Q-3 PHIHONG-PSM03C-050Q-3 Datasheet
89Kb / 2P
   2.75W Compact Fixed Blade USB Power Adapter (China)
logo
CUI INC
SMI-UK-5W CUI-SMI-UK-5W Datasheet
172Kb / 2P
   UNITED KINGDOM BLADE
11/20/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com