Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JX20-0116NL Datasheet(PDF) 8 Page - Pulse A Technitrol Company

Part # JX20-0116NL
Description  2xN RJ45 Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

JX20-0116NL Datasheet(HTML) 8 Page - Pulse A Technitrol Company

  JX20-0116NL Datasheet HTML 1Page - Pulse A Technitrol Company JX20-0116NL Datasheet HTML 2Page - Pulse A Technitrol Company JX20-0116NL Datasheet HTML 3Page - Pulse A Technitrol Company JX20-0116NL Datasheet HTML 4Page - Pulse A Technitrol Company JX20-0116NL Datasheet HTML 5Page - Pulse A Technitrol Company JX20-0116NL Datasheet HTML 6Page - Pulse A Technitrol Company JX20-0116NL Datasheet HTML 7Page - Pulse A Technitrol Company JX20-0116NL Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
pulseelectronics.com
PulseJack®
2xN RJ45 Connector
J401.H (09/14)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Pulse Europe
Einsteinstrasse 1
D-71083 Herren-
berg
Germany
Tel: 49 7032 7806
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823
(Pulse)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2014. Pulse Electronics, Inc. All rights reserved.
J20-XXXXNL and JX20-XXXXNL
J2 Series Electrical Schematics
3
2
YELLOW
COMMON
SCHEMATIC
3 TX+
CABLE
TD+ 3
CT 7
6 TX-
1 RX+
2 RX-
CABLE
4
1CT:1
TD- 6
RD+ 1
TRANSMIT
1CT:1
75
CT 4
RD- 2
RECEIVE
5
7
8
75
1
GREEN
C1
75
CHS GND 8
75
GREEN
WAVE LENGTH (lf = 20 mA)
5 TO 12
20
2.8 V MAXIMUM
160 mA MAXIMUM
85 mW MAXIMUM
120°
FORWARD VOLTAGE (Vf) (If = 20 mA)
FORWARD CURRENT (0.1 mS PULSE)
POWER DISSIPATION (Pd)
VIEWING ANGLE
If - (mA)
BRIGHTNESS - MIN TO MAX (mcd)
570 nm
EMMITTED COLOR
LED ELECTRICAL SPECIFICATIONS
NOTE: PER VENDOR'S SPECIFICATION
YELLOW
20
590 nm
3.5 TO 8.5
85 mW MAXIMUM
160 mA MAXIMUM
120°
2.8 V MAXIMUM
LED Conguration


Similar Part No. - JX20-0116NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
JX20-0116NL PULSE-JX20-0116NL Datasheet
1Mb / 8P
   100 Base-TX (Fast Ethernet) RJ45 2xN Integrated Connector Module (ICM) with or without LEDs
More results

Similar Description - JX20-0116NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
J429 PULSE-J429 Datasheet
1Mb / 6P
   2xN Gigabit PoE
J405 PULSE-J405 Datasheet
1Mb / 6P
   PulseJack 2xN GIGABIT
J427 PULSE-J427 Datasheet
1Mb / 5P
   2xN Gigabit PoE Plus
J0B-0386NL PULSE-J0B-0386NL Datasheet
674Kb / 5P
   2xN PoE Plus Gigstack
J2042H3B PULSE-J2042H3B Datasheet
1Mb / 8P
   100 Base-TX (Fast Ethernet) RJ45 2xN Integrated Connector Module (ICM) with or without LEDs
logo
Amphenol Corporation
P-U86-DX427-X0XX1 AMPHENOL-P-U86-DX427-X0XX1 Datasheet
390Kb / 6P
   2XN SFP EXPRESSPORT??COMBO WITH LIGHT PIPE (ELASTOMERIC GASKET)
P-U86-DX627-X0XX1 AMPHENOL-P-U86-DX627-X0XX1 Datasheet
466Kb / 6P
   2XN SFP EXPRESSPORT COMBO WITH LIGHT PIPE (SPRING FINGER GASKET)
logo
List of Unclassifed Man...
RJA88 ETC1-RJA88 Datasheet
487Kb / 6P
   RJ45 Connector
RJ45 ETC-RJ45 Datasheet
487Kb / 6P
   RJ45 Connector
RJ45 ETC1-RJ45 Datasheet
487Kb / 6P
   RJ45 Connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com