Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6720 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SFH6720
Description  High Speed Optocoupler, Single, 5 MBd, in SOIC-8 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6720 Datasheet(HTML) 1 Page - Vishay Siliconix

  SFH6720 Datasheet HTML 1Page - Vishay Siliconix SFH6720 Datasheet HTML 2Page - Vishay Siliconix SFH6720 Datasheet HTML 3Page - Vishay Siliconix SFH6720 Datasheet HTML 4Page - Vishay Siliconix SFH6720 Datasheet HTML 5Page - Vishay Siliconix SFH6720 Datasheet HTML 6Page - Vishay Siliconix SFH6720 Datasheet HTML 7Page - Vishay Siliconix SFH6720 Datasheet HTML 8Page - Vishay Siliconix SFH6720 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SFH6720, SFH6721
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 27-Aug-15
1
Document Number: 83684
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Speed Optocoupler, Single, 5 MBd, in SOIC-8 Package
DESCRIPTION
The single channel 5 Mb/s SFH6720 and SFH6721 high
speed optocoupler consists of a GaAlAs infrared emitting
diode, optically coupled with an integrated photo detector.
The detector incorporates a Schmitt-trigger stage for
improved noise immunity. A Faraday shield provides a
common mode transient immunity of 1000 V/μs at
VCM = 50 V for SFH6720 and 2500 V/μs at VCM = 400 V for
SFH6721.
AGENCY APPROVALS
• UL1577, file no. E52744 system code Y
• DIN EN 60747-5-5 (VDE 0884) available with option 1
FEATURES
• Data
rate
5
MBits/s
(2.5
MBit/s
over
temperature)
• Buffer
• Isolation test voltage, 4000 VRMS
• TTL, LSTTL and CMOS compatible
• Internal shield for very high common mode
transient immunity
• Wide supply voltage range (4.5 V to 15 V)
• Low input current (1.6 mA to 5 mA)
• Parameters specified from 0 °C to 85 °C
•Tamb from -40 °C to 100 °C
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Industrial control
• Replace pulse transformers
• Routine logic interfacing
• Motion / power control
• High speed line receiver
• Microprocessor system interfaces
• Computer peripheral interfaces
i179074_2
V
CC
V
O
NC
GND
A
C
1
2
3
4
8
7
6
5
V
DE
i179074
ORDERING INFORMATION
SF
H
6
7
2
#
T
PART NUMBER
TAPE AND
REEL
AGENCY CERTIFIED/PACKAGE
CMR (kV/μs)
CMR (kV/μs)
UL
1
2.5
SOIC-8
SFH6720T
SFH6721T
VDE, UL
1
2.5
SOIC-8
SFH6720-X001T
-
TRUTH TABLE (positive logic)
PART
IR DIODE
OUTPUT
SFH6720
On
H
Off
L
SFH6721
On
H
Off
L
SIOC-8
6.1 mm


Similar Part No. - SFH6720

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
SFH6720T VISHAY-SFH6720T Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
More results

Similar Description - SFH6720

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6720T VISHAY-SFH6720T_07 Datasheet
161Kb / 11P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.5, 19-Apr-07
SFH6720T VISHAY-SFH6720T Datasheet
203Kb / 10P
   High Speed Optocoupler, 5 MBd, in SOIC-8 Package
Rev. 1.3, 27-Apr-04
SFH6755T VISHAY-SFH6755T_08 Datasheet
162Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.5, 06-Oct-08
VO0600T VISHAY-VO0600T Datasheet
167Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.6, 14-Mar-08
SFH6755T VISHAY-SFH6755T Datasheet
159Kb / 10P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.0, 26-Jun-06
SFH6745T VISHAY-SFH6745T Datasheet
266Kb / 11P
   High Speed Optocoupler, 10 MBd SOIC-8 Package
Rev. 1.3, 24-Nov-04
SFH6757 VISHAY-SFH6757_V01 Datasheet
163Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
VO0600T VISHAY-VO0600T_1 Datasheet
150Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.7, 06-Oct-08
VO0661T VISHAY-VO0661T_V01 Datasheet
153Kb / 10P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
01-Jan-2022
SFH6747 VISHAY-SFH6747 Datasheet
165Kb / 11P
   High Speed Optocoupler, 10 MBd, SOIC-8 Package
Rev. 1.1, 26-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com