Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOMCA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NOMCA
Description  Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NOMCA Datasheet(HTML) 2 Page - Vishay Siliconix

  NOMCA Datasheet HTML 1Page - Vishay Siliconix NOMCA Datasheet HTML 2Page - Vishay Siliconix NOMCA Datasheet HTML 3Page - Vishay Siliconix NOMCA Datasheet HTML 4Page - Vishay Siliconix NOMCA Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NOMCA
www.vishay.com
Vishay Dale Thin Film
Revision: 24-Feb-12
2
Document Number: 60117
For technical questions, contact: thinfilm@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Tantalum nitride (Ta2N)
-
Pin/Lead Number
14, 16
-
Resistance Range
1 k
 to 50 k each resistor
-
TCR: Absolute
± 25 ppm/°C (standard)
- 55 °C to + 125 °C
TCR: Tracking
± 5 ppm/°C (typical)
- 55 °C to + 125 °C
Tolerance: Absolute
± 0.10 % to ± 1 %
+ 25 °C
Tolerance: Ratio
± 0.05 % to ± 0.1 %
+ 25 °C
Power Rating: Resistor
100 mW ((typical) (03) schematic)
Maximum at + 70 °C
Power Rating: Package
400 mW/500 mW
Maximum at + 70 °C
Stability: Absolute
R ± 0.05 %
1000 h at + 125 °C
Stability: Ratio
R ± 0.015 %
1000 h at + 125 °C
Voltage Coefficient
< 0.1 ppm/V
-
Working Voltage
100 V max. not to exceed
-
Operating Temperature Range
- 55 °C to + 125 °C
-
Storage Temperature Range
- 55 °C to + 150 °C
-
Noise
 - 30 dB
-
Thermal EMF
0.08 μV/°C
-
Shelf Life Stability: Absolute
R ± 0.01 %
1 year at + 25 °C
Shelf Life Stability: Ratio
R ± 0.002 %
1 year at + 25 °C
P
x R
DIMENSIONS AND IMPRINTING in inches and millimeters
DIMENSION
14
16
INCHES
MILLIMETERS
INCHES
MILLIMETERS
H
0.235
5.969
0.235
5.969
E
0.154
3.911
0.154
3.910
O
0.340
8.363
0.390
9.906
A
0.063
1.600
0.063
1.600
e
0.050
1.270
0.050
1.270
B
0.015
0.381
0.015
0.381
C
0.008
0.203
0.008
0.203
L
0.025
0.635
0.025
0.635
A1
0.006
0.152
0.006
0.152
h
0.015
0.381
0.015
0.381
h x 45°
A
1
A
C
L
e
B
Index Area
PIN 1 Locator
O
E
H
MECHANICAL SPECIFICATIONS
Resistive Element
Tantalum nitride (Ta2N)
Substrate Material
Ceramic
Body
Molded epoxy
Terminals
Copper alloy
Lead (Pb)-free Option
100 % matte tin plate or Ni/Pd/Au solder free option


Similar Part No. - NOMCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC VISHAY-NOMC Datasheet
113Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks Narrow Body
Revision 21-May-01
NOMC VISHAY-NOMC Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
NOMC VISHAY-NOMC Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
NOMC14011002AT0 VISHAY-NOMC14011002AT0 Datasheet
157Kb / 4P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 02-Oct-08
NOMC14011002AT0 VISHAY-NOMC14011002AT0 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results

Similar Description - NOMCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AORN VISHAY-AORN Datasheet
101Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
Revision: 24-Feb-15
AORN VISHAY-AORN_V01 Datasheet
96Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Precision Automotive, AEC-Q200 Qualified, Networks
01-Jan-2022
PATT VISHAY-PATT Datasheet
94Kb / 4P
   Precision Automotive High Temperature Thin Film Chip Resistor, AEC-Q200 Qualified
Revision: 17-Sep-13
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
ORN VISHAY-ORN_17 Datasheet
100Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 02-Sep-11
logo
Bi technologies
694 BITECH-694 Datasheet
101Kb / 5P
   Dual In-Line Precision Thin Film Resistor Networks
logo
Vishay Siliconix
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
OSOP VISHAY-OSOP_17 Datasheet
127Kb / 3P
   Molded, 25 mil Pitch, Dual-In-Line Thin Film Resistor
Revision: 03-Mar-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com