Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSE0155 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. FSE0155
Description  High temperature silicone coating
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FSE0155 Datasheet(HTML) 1 Page - Vishay Siliconix

  FSE0155 Datasheet HTML 1Page - Vishay Siliconix FSE0155 Datasheet HTML 2Page - Vishay Siliconix FSE0155 Datasheet HTML 3Page - Vishay Siliconix FSE0155 Datasheet HTML 4Page - Vishay Siliconix FSE0155 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FSE
www.vishay.com
Vishay Huntington
Revision: 06-Dec-16
1
Document Number: 31849
For technical questions, contact: ww2dresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power, Silicone Coated,
Fixed Edgewound Tubular
FEATURES
• High temperature silicone coating
• Complete welded construction
• Excellent stability in operation (< 3 % change in
resistance)
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
RESISTANCE RANGE
RESISTANCE RANGE
WEIGHT
(typical)
g
± 5 %
± 10 %
FSE0050
FSE-50
50
1.0 to 3.8
1.0 to 3.8
18
FSE0090
FSE-90
90
0.10 to 5.7
0.10 to 5.7
36
FSE0100
FSE-100
100
1.0 to 6.1
0.15 to 6.1
41
FSE0110
FSE-110
110
1.0 to 7.4
0.20 to 7.4
49
FSE0120
FSE-120
120
1.0 to 8.6
0.1 to 8.6
54
FSE0140
HLZ-140
140
0.08 to 9.0
0.08 to 9.0
109
FSE0155
FSE-155
155
1.0 to 12.5
0.1 to 12.5
129
FSE0165
HLZ-165
165
0.35 to 13.0
0.35 to 13.0
91
FSE0180
HLZ-165
165
0.35 to 13.0
0.35 to 13.0
91
FSE0240
FSE-240
240
1.0 to 18
0.1 to 18
186
FSE0300
FSE-300
300
1.0 to 25
0.15 to 25
236
FSE0375
FSE-375
375
1.0 to 32
0.20 to 32
286
FSE0420
FSE-420
420
1.0 to 35.8
0.25 to 35.8
320
FSE0500
FSE-500
500
1.0 to 46.2
0.30 to 46.2
381
FSE0750
FSE-750
750
1.0 to 81.3
0.35 to 81.3
654
FSE1000
FSE-1000
1000
1.0 to 101.6
0.40 to 101.6
817
FSE1500
FSE-1500
1500
1.0 to 135.5
0.15 to 135.5
1090
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: FSE050021E15R0JE (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(7 digits)
TERMINAL
DESIGNATION
(2 digits)
TERMINAL
FINISH
(1 digit)
VALUE
(4 digits)
TOLERANCE
(1 digit)
PACKAGING CODE
(1 digit)
SPECIAL
(up to 2 digits)
(see Standard
Electrical
Specifications
Global Model
column for
options)
06
15
20
21
22
E = lead
(Pb)-free
R = decimal
1R50 = 1.5
J = ± 5 %
K = ± 10 %
E = lead (Pb)-free
bulk pack
(dash number)
from 1 to 99 as
applicable
91 = 100 style BKT
92 = 200 style BKT
93 = 300 style BKT
CT = center tap
Historical Part Number example: FSE-500-15-5 %
FSE-500
15
5 %
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE
SPECIAL
S
E
05
002
1E1
5
R
0
F
J
E


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn