Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2225X393MBGACTU Datasheet(PDF) 4 Page - Kemet Corporation

Part # C2225X393MBGACTU
Description  High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC - 3000VDC (Commercial & Automotive Grade)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2225X393MBGACTU Datasheet(HTML) 4 Page - Kemet Corporation

  C2225X393MBGACTU Datasheet HTML 1Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 2Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 3Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 4Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 5Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 6Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 7Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 8Page - Kemet Corporation C2225X393MBGACTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1070_C0G_HV_FT-CAP • 1/23/2014
4
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500VDC – 3000VDC (Commerical & Automotive Grade)
Table 1A – Capacitance Range/Selection Waterfall (0805 – 1808 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts..
Capacitance Cap Code
Case Size / Series
C0805X
C1206X
C1210X
C1808X
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Rated Voltage (VDC)
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1.0 - 9.1 pF*
109 - 169*
B C D
DG DG DG
LB LB LB LB LB LB LB
10 pF
100
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
11 pF
110
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
12 pF
120
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
13 pF
130
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
15 pF
150
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
16 pF
160
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
18 pF
180
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
20 pF
200
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
22 pF
220
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
24 pF
240
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
27 pF
270
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
30 pF
300
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
33 pF
330
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
36 pF
360
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
39 pF
390
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
43 pF
430
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
47 pF
470
F G J K M DG DG DG EG EG EG EG EG FM FM FM FM FM LB LB LB LB LB LB LB
51 pF
510
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LB LB
56 pF
560
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LB LB
62 pF
620
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LB LB
68 pF
680
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LB LB
75 pF
750
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LB LB
82 pF
820
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LB LB
91 pF
910
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LB LB
100 pF
101
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LC LB
110 pF
111
F G J K M DG DG DG EF EF EF EG EG FM FM FM FM FM LB LB LB LB LB LC LB
120 pF
121
F G J K M DG DG DG EF EF EF EG EG FG FG FG FM FM LA LA LA LA LB LC LB
130 pF
131
F G J K M DG DG DG EF EF EF EG EG FG FG FG FM FM LA LA LA LA LB LC LC
150 pF
151
F G J K M DG DG DG EF EF EF EG EG FG FG FG FM FM LA LA LA LA LB LC LC
160 pF
161
F G J K M DG DG DG EF EF EF EG EG FG FG FG FM FM LA LA LA LA LC LC LC
180 pF
181
F G J K M DG DG DG EF EF EF EG EG FG FG FG FM FM LA LA LA LA LC LC LC
200 pF
201
F G J K M DG DG DG EF EG EG EG EG FG FG FG FM FM LA LA LA LA LC LC
220 pF
221
F G J K M DG DG DG EF EG EG EG EG FG FG FG FM FM LA LA LA LA LC LC
240 pF
241
F G J K M DG DG DG EF EG EG EG EG FG FG FG FM FM LA LA LA LB LC LC
270 pF
271
F G J K M DG DG DG EF EG EG EG EG FG FG FG FK FK LA LA LA LB LC LC
300 pF
301
F G J K M DG DG
EF EG EG EG
FG FG FG FK FK LA LA LA LB LC LC
330 pF
331
F G J K M DG DG
EF EG EG EG
FG FG FG FK FK LA LA LA LB LC LC
360 pF
361
F G J K M DG DG
EG EG EG EG
FG FG FG FK FS LA LA LA LB LA LC
390 pF
391
F G J K M DG DG
EG EG EG EG
FG FG FG FK FS LA LA LA LB LA LC
430 pF
431
F G J K M DG DG
EG EG EG EG
FG FM FM FS FS LA LB LB LC LA
470 pF
471
F G J K M DG DG
EG EG EG EG
FG FM FM FS FS LA LB LB LC LA
510 pF
511
F G J K M DG DG
EG EG EG EG
FG FM FM FS FS LA LB LB LC LB
560 pF
561
F G J K M DG DG
EG EG EG EG
FG FM FM FS FS LA LB LB LC LB
620 pF
621
F G J K M DG
EG EG EG
FG FM FM FS FS LA LB LB LA LC
680 pF
681
F G J K M DG
EG EG EG
FG FM FM FS FS LB LB LB LA LC
750 pF
751
F G J K M DG
EG EF EG
FG FM FM FM
LB LB LB LA
820 pF
821
F G J K M DG
EG EF EG
FG FM FM FM
LB LB LB LA
910 pF
911
F G J K M
EG EF EG
FM FM FM FY
LB LB LB LA
1,000 pF
102
F G J K M
EG EF EG
FM FM FM FY
LB LB LB LB
1,100 pF
112
F G J K M
EF EG
FM FK FK FS
LC LC LC LB
Capacitance
Cap Code
Rated Voltage (VDC)
Voltage Code
C
B
D
C
B
D
F
G
C
B
D
F
G
C
B
D
F
G
Z
H
Case Size / Series
C0805X
C1206X
C1210X
C1808X
C
2225
X
393
J
C
G
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric Failure Rate/
Design
Termination
Finish
Packaging/Grade (C-Spec)
0805
1206
1210
1808
1812
1825
2220
2225
X= Flexible
Termination
2 significant digits +
number of zeros.
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
C = 500 V
B = 630 V
D = 1000 V
F = 1500 V
G = 2000 V
Z = 2500 V
H = 3000 V
G = C0G
A = N/A
C = 100%
Matte Sn
L = SnPb (5%
minimum)
Blank = Bulk
TU = 7" Reel - Unmarked
AUTO = Automotive Grade
7” Reel - Unmarked
Roll Over for
Order Info.


Similar Part No. - C2225X393MBGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225X393MBGACTU KEMET-C2225X393MBGACTU Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
More results

Similar Description - C2225X393MBGACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X473KCRACTU KEMET-C1210X473KCRACTU Datasheet
1Mb / 17P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500VDC-3000VDC (Commercial Grade)
C2225X393JCGACTU KEMET-C2225X393JCGACTU_V01 Datasheet
825Kb / 23P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 – 10,000 VDC (Commercial Grade)
2/28/2023
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO Datasheet
1Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C2225X393JCGACAUTO KEMET-C2225X393JCGACAUTO_17 Datasheet
1Mb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP), C0G Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1812X104KDRACTU KEMET-C1812X104KDRACTU Datasheet
2Mb / 21P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X102KGRACTU KEMET-C1206X102KGRACTU Datasheet
715Kb / 20P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com