Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA100B-48VG Datasheet(PDF) 1 Page - Phihong USA Inc.

Part # PDA100B-48VG
Description  100W Constant Voltage LED Driver PDA100B LED Power Supply Non-Dimming
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA100B-48VG Datasheet(HTML) 1 Page - Phihong USA Inc.

  PDA100B-48VG Datasheet HTML 1Page - Phihong USA Inc. PDA100B-48VG Datasheet HTML 2Page - Phihong USA Inc. PDA100B-48VG Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Revised 4/14/2015
WWW.PHIHONG.COM
100W Constant Voltage LED Driver
PDA100B LED Power Supply Non-Dimming
Features
 OVP, OTP Short and Open Circuit
Protections
 IP66 Rated
 90-304VAC Input Range
 Brownout Protection
 Wide Operating Temperature Range
 High Efficiency
 ≥ 0.9 Power Factor Correction & THD 20%
Applications
 General Lighting
 Street Lighting
 Outdoor Lighting
 Architectural Lighting
Safety Approvals
 cUL/UL 8750
Mechanical Characteristics
 Length: 241mm (9.49in)
 Height: 39mm (1.54in)
 Width: 59mm (2.32in)
 Weight: 1050g (37.04oz)
Output Specifications
Phihong is not responsible for any error, and reserves the right to make changes without notice. Please visit our website at
www.phihong.com for the most up-to-date specifications and contact information.
Model
Output Current Range
DC Output
Voltage
Output
Power
Min.
Typ.
Max.
PDA100B-24VG
0A
-
4.1A
24V
100W
PDA100B-48VG
0A
-
2.08A
48V
100W


Similar Part No. - PDA100B-48VG

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA100W-1A0GD PHIHONG-PDA100W-1A0GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A4GB PHIHONG-PDA100W-1A4GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA100W-1A8GB PHIHONG-PDA100W-1A8GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA100W-2A1GB PHIHONG-PDA100W-2A1GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
More results

Similar Description - PDA100B-48VG

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA100W-700GD PHIHONG-PDA100W-700GD Datasheet
188Kb / 3P
   100W Constant Current LED Driver LED Power Supply with 0-10V Dimming
PDA100W-1A0GB PHIHONG-PDA100W-1A0GB Datasheet
334Kb / 4P
   100W Constant Current LED Driver PDA100W LED Power Supply with 0-10V Dimming
PDA040B-24VB PHIHONG-PDA040B-24VB Datasheet
232Kb / 2P
   40W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA060B-24VB PHIHONG-PDA060B-24VB Datasheet
204Kb / 3P
   60W Constant Voltage LED Driver Waterproof LED Driver Non-Dimming
PDA040B-700B PHIHONG-PDA040B-700B Datasheet
164Kb / 3P
   40W Constant Current LED Driver Waterproof LED Driver Non-Dimming
PDA060B-700B PHIHONG-PDA060B-700B Datasheet
204Kb / 3P
   60W Constant Current LED Driver Waterproof LED Driver Non-Dimming
logo
Mean Well Enterprises C...
ELG-100U MEANWELL-ELG-100U Datasheet
1Mb / 8P
   100W Constant Voltage Constant Current LED Driver
FDHC-100 MEANWELL-FDHC-100 Datasheet
116Kb / 5P
   100W Constant Power Mode LED Driver
XLG-100 MEANWELL-XLG-100 Datasheet
721Kb / 9P
   100W Constant Power Mode LED Driver
XBG-100 MEANWELL-XBG-100 Datasheet
3Mb / 8P
   100W Constant Power Mode LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com