Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA006B-700C Datasheet(PDF) 3 Page - Phihong USA Inc.

Part # PDA006B-700C
Description  6W LED Driver with 700mA Constant Current PDA006B LED Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHIHONG [Phihong USA Inc.]
Direct Link  http://www.phihongusa.com
Logo PHIHONG - Phihong USA Inc.

PDA006B-700C Datasheet(HTML) 3 Page - Phihong USA Inc.

  PDA006B-700C Datasheet HTML 1Page - Phihong USA Inc. PDA006B-700C Datasheet HTML 2Page - Phihong USA Inc. PDA006B-700C Datasheet HTML 3Page - Phihong USA Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Dimension Diagram Unit:mm
WWW.PHIHONG.COM


Similar Part No. - PDA006B-700C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006B-700C-H PHIHONG-PDA006B-700C-H Datasheet
150Kb / 3P
   6W LED Driver with 700mA Constant Current LED Power Supply
More results

Similar Description - PDA006B-700C

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
PDA006A-700C-H PHIHONG-PDA006A-700C-H Datasheet
164Kb / 3P
   6W LED Driver with 700mA Constant Current LED Power Supply
PDA006B-700C-H PHIHONG-PDA006B-700C-H Datasheet
150Kb / 3P
   6W LED Driver with 700mA Constant Current LED Power Supply
PDA006A-700C PHIHONG-PDA006A-700C Datasheet
164Kb / 3P
   6W LED Driver with 700mA Constant Current PDA006A LED Power Supply
PDA006A-350B-R PHIHONG-PDA006A-350B-R Datasheet
131Kb / 2P
   6W Constant Current LED Driver Waterproof LED Power Supply
PDA006A-1A0B PHIHONG-PDA006A-1A0B Datasheet
131Kb / 2P
   6W Constant Current LED Driver PDA006A Waterproof LED Power Supply
PDA030B-700C PHIHONG-PDA030B-700C Datasheet
132Kb / 2P
   30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
PDA010B-700C PHIHONG-PDA010B-700C Datasheet
142Kb / 3P
   10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDA030A-700C PHIHONG-PDA030A-700C Datasheet
145Kb / 2P
   30W LED Driver with Constant Current 700mA LED Power Supply for General Lighting
PDA010A-700C PHIHONG-PDA010A-700C Datasheet
154Kb / 3P
   10W LED Driver with 700mA Constant Current LED Power Supply for Indoor Lighting
PDA006A-350S-R PHIHONG-PDA006A-350S-R Datasheet
138Kb / 2P
   6W Adapter Style Constant Current LED Driver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com