Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52347 Datasheet(PDF) 9 Page - Mitsubishi Electric Semiconductor

Part # M52347
Description  SYNC SIGNAL PROCESSOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52347 Datasheet(HTML) 9 Page - Mitsubishi Electric Semiconductor

Back Button M52347 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M52347 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MITSUBISHI ICs (Monitor)
M52347SP/FP
SYNC SIGNAL PROCESSOR
9
Table 1 DECODER Logic Output
Table 2 Clamp Pulse Position
Pin
input
COMP/H
Pin
Input
V
Output pin
POSI.
NON
POSI.
NEG.
H
H
H
L
H
H
L
L
L
L
L
H
NEG.
NON
POSI.
NEG.
H
H
H
L
H
H
H
H
H
L
L
H
NON.
NON
POSI.
NEG.
L
L
L
L
H
H
L
L
L
L
L
H
6
8
1
2
18
19
Input signal
Pin 17 output signal
Pin
Pin
Pin
"H"
Pin
"M"
Pin
"L"
4 trailing
edge
4 trailing
edge
4 trailing
edge
6 leading
edge
4 trailing
edge
6 trailing
edge
6 leading
edge
6 trailing
edge
4
6
3
3
3
Table 3 Output Priority Order
Table 4 Allowable Input Amplitude Voltage
Input signal
Output signal
Pin
"H" "L"
Pin
"M"
Pin
Pin
Pin
Pins
,
,
,
Pin
Pins
,
,
,
Pin
4
6
4
6
6
6
11
11
8
8
11
8
8
4
4
4
4
11
11
8
8
8
8
Pin
input
amplitude
Pin
input
amplitude
Pin
input
amplitude
3
3
4
6
8
12
14
15
17
13
12
14
15
17
13
4
6
8
VV 0 to 2.1(VP-P)
VS 0.2 to 0.6(VP-P)
fH=10Hz to 200kHz
fV=10Hz to 200Hz
VS 0.5 to 2.5(VP-P)
fH=10Hz to 200kHz
VS 0.5 to 2.5(VP-P)
fV=10Hz to 200Hz


Similar Part No. - M52347

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
More results

Similar Description - M52347

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52001SP MITSUBISHI-M52001SP Datasheet
852Kb / 16P
   SYNC SIGNAL PROCESSOR
logo
Renesas Technology Corp
M52036SP RENESAS-M52036SP Datasheet
254Kb / 14P
   SYNC SIGNAL PROCESSOR
Rev.1.0 Sep.22.2003
M52347SP RENESAS-M52347SP Datasheet
218Kb / 17P
   Sync Signal Processor
logo
NEC
UPC1884 NEC-UPC1884 Datasheet
194Kb / 3P
   SYNC SIGNAL PROCESSOR FOR MULTI-SYNC DISPLAY
logo
Harris Corporation
CA3154 HARRIS-CA3154 Datasheet
83Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
logo
NTE Electronics
NTE1550 NTE-NTE1550 Datasheet
60Kb / 2P
   Integrated Circuit TV Sync Signal Processor
logo
Intersil Corporation
CA3154 INTERSIL-CA3154 Datasheet
78Kb / 6P
   TV Sync/AGC/Horizontal Signal Processor
May 1999
logo
NTE Electronics
NTE1664 NTE-NTE1664 Datasheet
26Kb / 3P
   Integrated Circuit TV Hotizontal/Vertical Sync Signal Processor
logo
List of Unclassifed Man...
WT9051 ETC1-WT9051 Datasheet
1Mb / 42P
   SYNC SINGAL PROCESSOR TOR MILTI-SYNC DISPLAY
logo
Toshiba Semiconductor
TA8819FG TOSHIBA-TA8819FG Datasheet
1Mb / 30P
   NTSC VIDEO CHROMA SIGNAL PROCESSOR SYNC PLAYBACK IC FOR LCD TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com