Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA178M00T Datasheet(PDF) 10 Page - Rohm

Part # BA178M00T
Description  Standard 78M series, 3-pin regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA178M00T Datasheet(HTML) 10 Page - Rohm

Back Button BA178M00T Datasheet HTML 3Page - Rohm BA178M00T Datasheet HTML 4Page - Rohm BA178M00T Datasheet HTML 5Page - Rohm BA178M00T Datasheet HTML 6Page - Rohm BA178M00T Datasheet HTML 7Page - Rohm BA178M00T Datasheet HTML 8Page - Rohm BA178M00T Datasheet HTML 9Page - Rohm BA178M00T Datasheet HTML 10Page - Rohm BA178M00T Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
BA178M!!T / BA178M!!FP series
Regulator ICs
0
25
50
75
100
125
150
2.5
5
7.5
10
12.5
0
AMBIENT TEMPERATURE : Ta (
°C)
(1) 10.0
(2) 1.0
Fig.10 Thermal derating characteristic
(TO252
−3)
(1) Infinite heat sink,
θj−c=12.5 (
°C / W)
(2) No heat sink
θj−c=125.0 (
°C /W)
"
"
"
"
Operation notes
(1) Although the circuit examples included in this handbook are highly recommendable for general use, you should
thoroughly familiar yourself with the circuit characteristics as they relate to your own conditions. If you intend
to change the number of external circuits, leave an ample margin, taking into account discrepancies in both static
and dynamic characteristics of external parts and Rohm ICs. In addition, please be advised that Rohm cannot
provide complete assurance regarding patent rights.
(2) Operating power supply voltage
When operating within the normal voltage range and within the ambient operating temperature range, most circuit
functions are guaranteed. The rated values cannot be guaranteed for the electrical characteristics, but there are no
sudden changes of the characteristics within these ranges.
(3) Power dissipation
Heat attenuation characteristics are noted on a separate page and can be used as a guide in judging power
dissipation.
If these ICs are used in such in a way that the allowable power dissipation level is exceeded, an increase in the chip
temperature could cause a reduction in the current capability or could otherwise adversely affect the performance of
the IC. Make sure a sufficient margin is allowed so that the allowable power dissipation value is not exceeded.
(4) Preventing oscillation in output and using bypass capacitors
Always use a capacitor between the output pins and the GND to prevent fluctuation in the output and to prevent
oscillation between the output pins and the GND of the application’s input (VIN
µF should be used.)
Changes in the temperature and other factors can cause the value of the capacitor to change, and this can cause
oscillation. To prevent this, we recommend using a tantalum capacitor which has minimal changes in nominal
capacitance.
Also, we recommend adding a bypass capacitor of about 0.33
µF between the input pin and the GND, as close to the
pin as possible.
(5) Thermal overload circuit
A built-in thermal overload circuit prevents damage from overheating. When the thermal circuit is activated, the various
outputs are in the OFF state. When the temperature drops back to a constant level, the circuit is restored.
(6) Internal circuits could be damaged if there are modes in which the electric potential of the application’s input (VIN) and
GND are the opposite of the electric potential of the various outputs. Use of a diode or other such bypass path is
recommended.
(7) Although the manufacture of this product includes rigorous quality assurance procedures, the product may be
damaged if absolute maximum ratings for voltage or operating temperature are exceeded. If damage has occurred,
special modes (such as short circuit mode or open circuit mode) cannot be specified. If it is possible that such special
modes may be needed, please consider using a fuse or some other mechanical safety measure.
(8) When used within a strong magnetic field, be aware that there is a slight possibility of malfunction.


Similar Part No. - BA178M00T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA178M05CP ROHM-BA178M05CP Datasheet
359Kb / 6P
   Three-Terminal Regulator
BA178M05CP ROHM-BA178M05CP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP ROHM-BA178M05FP Datasheet
251Kb / 6P
   Three-Terminal Regulator
BA178M05FP ROHM-BA178M05FP Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results

Similar Description - BA178M00T

ManufacturerPart #DatasheetDescription
logo
Rohm
BA17805T ROHM-BA17805T Datasheet
122Kb / 11P
   Standard 78 series, 3-pin regulator
logo
Panasonic Semiconductor
AN6541 PANASONIC-AN6541 Datasheet
25Kb / 3P
   3-pin Positive Voltage Regulator
logo
XP Power Limited
SR10S1V8 XPPOWER-SR10S1V8 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Analog Intergrations Co...
AIC1721 AIC-AIC1721 Datasheet
208Kb / 6P
   3-pin Low Dropout Linear Regulator
logo
Panasonic Semiconductor
AN79LXX PANASONIC-AN79LXX Datasheet
145Kb / 12P
   3-pin negative output voltage regulator
logo
XP Power Limited
SR05S05 XPPOWER-SR05S05 Datasheet
86Kb / 1P
   3 Pin SIP 3T Switching Regulator
logo
Cherry Semiconductor Co...
CS5208-1 CHERRY-CS5208-1 Datasheet
136Kb / 7P
   8A LDO 3-Pin Adjustable Linear Regulator
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Cherry Semiconductor Co...
CS5210-1 CHERRY-CS5210-1 Datasheet
142Kb / 8P
   10A LDO 3-Pin Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com