Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFUH10NS4SFH Datasheet(PDF) 1 Page - Rohm

Part # RFUH10NS4SFH
Description  Super Fast Recovery Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RFUH10NS4SFH Datasheet(HTML) 1 Page - Rohm

  RFUH10NS4SFH Datasheet HTML 1Page - Rohm RFUH10NS4SFH Datasheet HTML 2Page - Rohm RFUH10NS4SFH Datasheet HTML 3Page - Rohm RFUH10NS4SFH Datasheet HTML 4Page - Rohm RFUH10NS4SFH Datasheet HTML 5Page - Rohm RFUH10NS4SFH Datasheet HTML 6Page - Rohm RFUH10NS4SFH Datasheet HTML 7Page - Rohm RFUH10NS4SFH Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data Sheet
Super Fast Recovery Diode
RFUH10NS4SFH
z
Serise
z
Dimensions(Unit : mm)
z
Land Size Figure(Unit : mm)
Super Fast Recovery
z
Applications
General rectification
z
Features
1)Ultra low switching loss
2)High current overload capacity
z
Structure
z
Construction
Silicon epitaxial planer type
z
Taping Dimensions(Unit : mm)
z
Absolute Maximum Ratings(Tc=25°C)
Symbol
Unit
VRM
V
VR
V
Io
A
IFSM
A
Tj
°C
Tstg
°C
(*1) 1-3pin common circuit
z
Electrical Characteristics(Tj=25°C)
Symbol
Unit
Forward voltage
VF
V
Reverse current
IR
μA
Reverse recovery Time
trr
ns
Thermal resistance
Rth(j-c)
°C/W
Parameter
Conditions
Limits
Repetitive peak reverse voltage
Duty 0.5
430
Junction temperature
150
Reverse voltage
Direct voltage
430
Tc=70°C
10
60Hz half sin wave , Resistive load
Forward current surge peak
60Hz half sin wave , Non-repetitive at Tj=25°C
80
Storage temperature
55 to 150
Parameter
Conditions
Min.
Typ.
Max.
IF=10A
1.4
1.7
VR=430V
0.05
10
IF=0.5A,IR=1A,Irr=0.25×IR
15
25
Junction to case
4.0
ROHM : LPDS
JEITA : TO263S
Manufacture Date
RFUH
10
NS4S
LPDS
1/4
2012.06 - Rev.A
AEC-Q101 Qualified


Similar Part No. - RFUH10NS4SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RFUH10NS4S ROHM-RFUH10NS4S Datasheet
551Kb / 8P
   Super Fast Recovery Diode
More results

Similar Description - RFUH10NS4SFH

ManufacturerPart #DatasheetDescription
logo
Rohm
RF2L6S ROHM-RF2L6S Datasheet
318Kb / 3P
   Super Fast Recovery Diode
RF505B6S ROHM-RF505B6S Datasheet
447Kb / 4P
   Super Fast Recovery Diode
logo
Shindengen Electric Mfg...
DF10LC30 SHINDENGEN-DF10LC30 Datasheet
558Kb / 2P
   Super Fast Recovery Diode
M2FL20U SHINDENGEN-M2FL20U Datasheet
605Kb / 2P
   Super Fast Recovery Diode
logo
Rohm
RFU20TM5S ROHM-RFU20TM5S_11 Datasheet
1,019Kb / 4P
   Super Fast Recovery Diode
RFUS20TM4S ROHM-RFUS20TM4S_11 Datasheet
993Kb / 4P
   Super Fast Recovery Diode
RFU20TM5S ROHM-RFU20TM5S Datasheet
303Kb / 4P
   Super Fast Recovery Diode
RFN10NS3S ROHM-RFN10NS3S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFU02VS6S ROHM-RFU02VS6S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS10TF4S ROHM-RFUS10TF4S Datasheet
1Mb / 5P
   Super Fast Recovery Diode
RFUS20NS4S ROHM-RFUS20NS4S_11 Datasheet
1Mb / 5P
   Super Fast Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com