Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT17N256-10NC Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT17N256-10NC
Description  FPGA Configuration Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT17N256-10NC Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT17N256-10NC Datasheet HTML 10Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 11Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 12Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 13Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 14Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 15Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 16Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 17Page - ATMEL Corporation AT17N256-10NC Datasheet HTML 18Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
AT17N256/512/010/002/040
3020A–CNFG–04/10/03
44A – TQFP
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
44A, 44-lead, 10 x 10 mm Body Size, 1.0 mm Body Thickness,
0.8 mm Lead Pitch, Thin Profile Plastic Quad Flat Package (TQFP)
B
44A
10/5/2001
PIN 1 IDENTIFIER
0˚~7˚
PIN 1
L
C
A1
A2
A
D1
D
e
E1
E
B
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
Notes:
1. This package conforms to JEDEC reference MS-026, Variation ACB.
2. Dimensions D1 and E1 do not include mold protrusion. Allowable
protrusion is 0.25 mm per side. Dimensions D1 and E1 are maximum
plastic body size dimensions including mold mismatch.
3. Lead coplanarity is 0.10 mm maximum.
A
1.20
A1
0.05
0.15
A2
0.95
1.00
1.05
D
11.75
12.00
12.25
D1
9.90
10.00
10.10
Note 2
E
11.75
12.00
12.25
E1
9.90
10.00
10.10
Note 2
B
0.30
0.45
C
0.09
0.20
L
0.45
0.75
e
0.80 TYP


Similar Part No. - AT17N256-10NC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256-10NC ATMEL-AT17N256-10NC Datasheet
308Kb / 18P
   FPGA Configuration Memory
More results

Similar Description - AT17N256-10NC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
   FPGA Configuration Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
   FPGA Configuration Flash Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
   FPGA CONFIGURATION FLASH MEMORY
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
   FPGA Configuration Flash Memory
AT17LV65A ATMEL-AT17LV65A_06 Datasheet
337Kb / 18P
   FPGA Configuration EEPROM Memory
AT17F040 ATMEL-AT17F040_08 Datasheet
340Kb / 19P
   FPGA Configuration Flash Memory
AT17F040A ATMEL-AT17F040A Datasheet
326Kb / 16P
   FPGA Configuration Flash Memory
AT17F32 ATMEL-AT17F32 Datasheet
252Kb / 14P
   FPGA Configuration Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com