Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210C104K1RACAUTO Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210C104K1RACAUTO
Description  Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210C104K1RACAUTO Datasheet(HTML) 1 Page - Kemet Corporation

  C1210C104K1RACAUTO Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated - fdc8b56b-35c6-4aef-8450-c06bf7b3a2e0
KEMET Part Number: C1210C104K1RACAUTO
Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
Dimensions
L
3.2mm +/-0.2mm
W
2.5mm +/-0.2mm
T
0.95mm +/-0.10mm
B
0.5mm +/-0.25mm
Packaging Specifications
Packaging: T&R, 180mm, Plastic Tape
Packaging Quantity: 4000
General Information
Style: SMD Chip
Series: AUTO-(CxxxxC-AUTO)
Chip Size: 1210
Description: SMD, MLCC, Temperature
Stable, Automotive Grade
Features: Temperature Stable, Automotive
Grade
RoHS: Yes
Termination: Tin
Marking: No
Failure Rate: N/A
Approvals: AEC-Q200
AEC-Q200: Yes
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
Specifications
Capacitance: 0.1 uF
Capacitance Tolerance: 10%
Voltage DC: 100 VDC
Temperature Range: -55/+125C
Temperature Coefficient: X7R
Dissipation Factor: 2.5%
Aging Rate: 3% Loss/Decade Hour
Insulation Resistance: 10 GOhms
Dielectric Strength: 250 V
© 2006 - 2017 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C1210C104K1RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C104K1RAC KEMET-C1210C104K1RAC Datasheet
82Kb / 4P
   CERAMIC CHIP CAPACITORS
C1210C104K1RAC KEMET-C1210C104K1RAC Datasheet
39Kb / 2P
   CERAMIC CHIP/STANDARD
C1210C104K1RACTU KEMET-C1210C104K1RACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Temperature Stable, Class II
More results

Similar Description - C1210C104K1RACAUTO

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210C105K1RACAUTO KEMET-C1210C105K1RACAUTO Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1210C225K1RACAUTO KEMET-C1210C225K1RACAUTO_17 Datasheet
71Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 2.2 uF, 10%, 100 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1206C104K1RACAUTO KEMET-C1206C104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C104K1RACAUTO KEMET-C0805C104K1RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 100 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1210C106K3RACAUTO KEMET-C1210C106K3RACAUTO Datasheet
66Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 10 uF, 10%, 25 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1210C105K5RACAUTO KEMET-C1210C105K5RACAUTO Datasheet
65Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1210C224K5RACAUTO KEMET-C1210C224K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.22 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C1210C475K5RACAUTO KEMET-C1210C475K5RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0805C104K3RACAUTO KEMET-C0805C104K3RACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 25 V, 0805, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
C0402C104K4RACAUTO KEMET-C0402C104K4RACAUTO Datasheet
65Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 0.1 uF, 10%, 16 V, 0402, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com