Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM54C14 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MM54C14
Description  Hex Schmitt Trigger
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C14 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C14 Datasheet HTML 1Page - National Semiconductor (TI) MM54C14 Datasheet HTML 2Page - National Semiconductor (TI) MM54C14 Datasheet HTML 3Page - National Semiconductor (TI) MM54C14 Datasheet HTML 4Page - National Semiconductor (TI) MM54C14 Datasheet HTML 5Page - National Semiconductor (TI) MM54C14 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPD0 tPD1
Propagation Delay from Input
VCC e 5V
220
400
ns
to Output
VCC e 10V
80
200
ns
CIN
Input Capacitance
Any Input (Note 2)
50
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
20
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application
NoteAN-90
Note 4
Only one of the six inputs is at
VCC the others are either at VCC or GND
Typical Applications
Low Power Oscillator
TLF5879 – 2
t1
RC fin
VTa
VTb
t1
RC fin
VCC b VTb
VCC b VTa
f
1
RC fin
VTa (VCC b VTb)
VTb (VCC b VTa)
1
17 RC
Note
The equations assume t1 a t2 n tpd0 a tpd1
TLF5879 – 3
3


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DM5414Hex Inverter with Schmitt Trigger Inputs 1 2 3 4 National Semiconductor (TI)
74AC14Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
DM7414Hex Inverter with Schmitt Trigger Input 1 2 3 Fairchild Semiconductor
74LVT143.3V Hex inverter Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
74LVX14Low Voltage Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
54ACTQ14Quiet Series Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreNational Semiconductor (TI)
MC14106BHex Schmitt Trigger 1 2 3 4 5 MoreON Semiconductor
74F14Hex inverter Schmitt trigger 1 2 3 4 5 MoreNXP Semiconductors
74ACTQ14Quiet Series Hex Inverter with Schmitt Trigger Input 1 2 3 4 5 MoreFairchild Semiconductor
MM74C914Hex Schmitt Trigger with Extended Input Voltage 1 2 3 4 5 Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn