Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C340C473KZR5TA7301 Datasheet(PDF) 8 Page - Kemet Corporation

Part # C340C473KZR5TA7301
Description  High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C340C473KZR5TA7301 Datasheet(HTML) 8 Page - Kemet Corporation

Back Button C340C473KZR5TA7301 Datasheet HTML 4Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 5Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 6Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 7Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 8Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 9Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 10Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 11Page - Kemet Corporation C340C473KZR5TA7301 Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1055_HV_GOLDMAX_300_X7R • 11/29/2016
8
Radial Leaded Multilayer Ceramic Capacitors
High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
Table 1C – C32X Style/Size, Capacitance Range Waterfall
C321, C324, C325, C327 Style/Size (0.100" & 0.200" Lead Spacing)
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G
Capacitance Capacitance
Tolerance
Capacitance Code (Available Capacitance)
10pF
J = ±5%
K = ±10%
M = ±20%
100
100
100
100
100
12pF
120
120
120
120
120
15pF
150
150
150
150
150
18pF
180
180
180
180
180
22pF
220
220
220
220
220
27pF
270
270
270
270
270
33pF
330
330
330
330
330
39pF
390
390
390
390
390
47pF
470
470
470
470
470
56pF
560
560
560
560
560
68pF
680
680
680
680
680
82pF
820
820
820
820
820
100pF
101
101
101
101
101
120pF
121
121
121
121
121
150pF
151
151
151
151
151
180pF
181
181
181
181
181
220pF
221
221
221
221
221
270pF
271
271
271
271
271
330pF
331
331
331
331
331
390pF
391
391
391
391
391
470pF
471
471
471
471
471
560pF
561
561
561
561
561
680pF
681
681
681
681
681
820pF
821
821
821
821
821
1000pF
102
102
102
102
102
1200pF
122
122
122
122
122
1500pF
152
152
152
152
152
1800pF
182
182
182
182
182
2200pF
222
222
222
222
222
2700pF
272
272
272
272
272
3300pF
332
332
332
332
332
3900pF
392
392
392
392
392
4700pF
472
472
472
472
472
5600pF
562
562
562
562
562
6800pF
682
682
682
682
682
8200pF
822
822
822
822
0.01µF
103
103
103
103
0.012µF
123
123
123
123
0.015µF
153
153
153
153
0.018µF
183
183
183
183
0.022µF
223
223
223
223
0.027µF
273
273
273
273
0.033µF
333
333
333
333
0.039µF
393
393
393
393
0.047µF
473
473
473
0.056µF
563
563
563
0.068µF
683
683
683
0.082µF
823
823
0.1µF
104
104
0.12µF
124
0.15µF
154
Rated Voltage (VDC)
500
630
1000
1500
2000
Voltage Code
C
B
D
F
G


Similar Part No. - C340C473KZR5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C340C473KZR5TA7301 KEMET-C340C473KZR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C340C473KZR5TA7301 KEMET-C340C473KZR5TA7301 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
More results

Similar Description - C340C473KZR5TA7301

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C320C332JCG5TA7301 KEMET-C320C332JCG5TA7301 Datasheet
1Mb / 22P
   High Voltage Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 500 ??3,000 VDC (Commercial Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C1210C154KCRACTU KEMET-C1210C154KCRACTU_V01 Datasheet
816Kb / 24P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
2/23/2023
C1210C154KCRACTU KEMET-C1210C154KCRACTU Datasheet
1Mb / 23P
   High Voltage X7R Dielectric, 500 - 3,000 VDC(Commercial Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO Datasheet
1Mb / 21P
   High Voltage X7R Dielectric, 500 - 3,000 VDC (Automotive Grade)
C1210C154KCRACAUTO KEMET-C1210C154KCRACAUTO_V01 Datasheet
795Kb / 22P
   High Voltage X7R Dielectric, 500 – 3,000 VDC (Automotive Grade)
2/23/2023
C410C105K3R5TA7200 KEMET-C410C105K3R5TA7200 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
C1812C102JCGACTU KEMET-C1812C102JCGACTU Datasheet
1Mb / 20P
   High Voltage C0G Dielectric, 500 ??3,000 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com