Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP70090E Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SUP70090E
Description  N-Channel 100 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP70090E Datasheet(HTML) 3 Page - Vishay Siliconix

  SUP70090E Datasheet HTML 1Page - Vishay Siliconix SUP70090E Datasheet HTML 2Page - Vishay Siliconix SUP70090E Datasheet HTML 3Page - Vishay Siliconix SUP70090E Datasheet HTML 4Page - Vishay Siliconix SUP70090E Datasheet HTML 5Page - Vishay Siliconix SUP70090E Datasheet HTML 6Page - Vishay Siliconix SUP70090E Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SUP70090E
www.vishay.com
Vishay Siliconix
S16-0163-Rev. A, 01-Feb-16
3
Document Number: 65436
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
Transfer Characteristics
Capacitance
Transconductance
10
100
1000
10000
0
30
60
90
120
012345
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
V
GS = 10 V thru 6 V
V
GS = 5 V
V
GS = 4 V
10
100
1000
10000
0
0.003
0.006
0.009
0.012
0.015
030
60
90
120
Axis Title
I
D - Drain Current (A)
2nd line
V
GS = 7.5 V
V
GS = 10 V
10
100
1000
10000
0
2
4
6
8
10
0
7
14
21
28
35
Axis Title
Q
g - Total Gate Charge (nC)
2nd line
I
D = 15 A
V
DS = 30 V
10
100
1000
10000
0
25
50
75
100
02468
Axis Title
V
GS - Gate-to-Source Voltage (V)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C
10
100
1000
10000
0
600
1200
1800
2400
3000
3600
0
20406080
100
Axis Title
V
DS - Drain-to-Source Voltage (V)
2nd line
C
rss
C
oss
C
iss
10
100
1000
10000
0
15
30
45
60
0
3.0
6.0
9.0
12.0
15.0
Axis Title
I
D - Drain Current (A)
2nd line
T
C = 25 °C
T
C =-55 °C
T
C = 125 °C


Similar Part No. - SUP70090E

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
SUP70090E ISC-SUP70090E Datasheet
303Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
SUP70090E VISHAY-SUP70090E Datasheet
163Kb / 7P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SUP70090E VISHAY-SUP70090E_V01 Datasheet
163Kb / 7P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SUP70090E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com