Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUP40P10-43 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SUP40P10-43
Description  P-Channel 100-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUP40P10-43 Datasheet(HTML) 4 Page - Vishay Siliconix

  SUP40P10-43 Datasheet HTML 1Page - Vishay Siliconix SUP40P10-43 Datasheet HTML 2Page - Vishay Siliconix SUP40P10-43 Datasheet HTML 3Page - Vishay Siliconix SUP40P10-43 Datasheet HTML 4Page - Vishay Siliconix SUP40P10-43 Datasheet HTML 5Page - Vishay Siliconix SUP40P10-43 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number: 65458
S09-2035-Rev. A, 05-Oct-09
Vishay Siliconix
SUP40P10-43
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Source-Drain Diode Forward Voltage
Threshold Voltage
1.0
1.2
1
10
40
0.0
0.2
0.4
0.6
0.8
TJ = 25 °C
TJ = 150 °C
VSD - Source-to-Drain Voltage (V)
1.1
1.3
1.5
1.7
1.9
2.1
2.3
- 50
- 25
0
25
50
75
100
125
150
TJ - Temperature (°C)
ID =250 µA
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Avalanche Capability
0.02
0.03
0.04
0.05
0.06
0.07
0.08
23456
7
8
910
VGS - Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
100
0.000001
0.0001
0.01
1
10
0.00001
TA - Time In Avalanche (s)
T
A
L
I
A
BV - V
DD
0.001
Safe Operating Area, Junction-to-Ambient
0.1
100
1
1000
0.01
0.1
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
1ms
100 µs
1
10
100
10
TA = 25 °C
Single Pulse
Limited byRDS(on)*
DC
10 µs
BVDSS
10 ms


Similar Part No. - SUP40P10-43

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUP40010EL VISHAY-SUP40010EL Datasheet
146Kb / 8P
   N-Channel 40 V (D-S) MOSFET
Rev. A, 14-Sep-15
SUP40010EL VISHAY-SUP40010EL Datasheet
156Kb / 8P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SUP40010EL VISHAY-SUP40010EL_V01 Datasheet
156Kb / 8P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SUP40012EL VISHAY-SUP40012EL Datasheet
160Kb / 7P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
SUP40012EL-GE3 VISHAY-SUP40012EL-GE3 Datasheet
160Kb / 7P
   N-Channel 40 V (D-S) MOSFET
01-Jan-2022
More results

Similar Description - SUP40P10-43

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM10P10-530I ANALOGPOWER-AM10P10-530I Datasheet
318Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SISS71DN VISHAY-SISS71DN Datasheet
254Kb / 9P
   P-Channel 100 V (D-S) MOSFET
Rev. A, 11-Jul-16
logo
Analog Power
AM20P10-300D ANALOGPOWER-AM20P10-300D Datasheet
315Kb / 5P
   P-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SI7457DP VISHAY-SI7457DP Datasheet
317Kb / 13P
   P-Channel 100-V (D-S) MOSFET
Rev. C, 16-Feb-09
logo
Analog Power
AM2373P ANALOGPOWER-AM2373P Datasheet
301Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7413P ANALOGPOWER-AM7413P Datasheet
409Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM20P10-205D ANALOGPOWER-AM20P10-205D Datasheet
399Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM10P10-530D ANALOGPOWER-AM10P10-530D Datasheet
341Kb / 5P
   P-Channel 100-V (D-S) MOSFET
AM7411P ANALOGPOWER-AM7411P Datasheet
372Kb / 5P
   P-Channel 100-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com