Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7409ADN Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI7409ADN
Description  P-Channel 30-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7409ADN Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7409ADN Datasheet HTML 1Page - Vishay Siliconix SI7409ADN Datasheet HTML 2Page - Vishay Siliconix SI7409ADN Datasheet HTML 3Page - Vishay Siliconix SI7409ADN Datasheet HTML 4Page - Vishay Siliconix SI7409ADN Datasheet HTML 5Page - Vishay Siliconix SI7409ADN Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Vishay Siliconix
Si7409ADN
Document Number: 73246
S-83051-Rev. C, 29-Dec-08
www.vishay.com
1
P-Channel 30-V (D-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFET
New Low Thermal Resistance PowerPAK®
Package with Low 1.07 mm Profile
•VDS Optimized for Load Switch
100 % Rg Tested
APPLICATIONS
Load Switch
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
Qg (Typ.)
- 30
0.019 at VGS = - 4.5 V
- 11
25
0.031 at VGS = - 2.5 V
- 8.5
1
2
3
4
5
6
7
8
S
S
S
G
D
D
D
D
3.30 mm
3.30 mm
PowerPAK 1212-8
Bottom View
Ordering Information: Si7409ADN-T1-E3 (Lead (Pb)-free)
Si7409ADN-T1-GE3 (Lead (Pb)-free and Halogen-free)
S
G
D
P-Channel MOSFET
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
b. See Reliability Manual for profile. The PowerPAK 1212-8 is a leadless package. The end of the lead terminal is exposed copper (not plated)
as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to
ensure adequate bottom side solder interconnection.
c. Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
- 30
V
Gate-Source Voltage
VGS
± 12
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
- 11
- 7
A
TA = 85 °C
- 7.9
- 5
Pulsed Drain Current
IDM
- 40
Continuous Source Current (Diode Conduction)a
IS
- 3.2
- 1.3
Maximum Power Dissipationa
TA = 25 °C
PD
3.8
1.5
W
TA = 85 °C
2.0
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)b, c
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
26
33
°C/W
Steady State
65
81
Maximum Junction-to-Case
Steady State
RthJC
1.9
2.4


Similar Part No. - SI7409ADN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7409DN VISHAY-SI7409DN Datasheet
45Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 03-Mar-03
More results

Similar Description - SI7409ADN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com