Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM54C00 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MM54C00
Description  Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C00 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54C00 Datasheet HTML 1Page - National Semiconductor (TI) MM54C00 Datasheet HTML 2Page - National Semiconductor (TI) MM54C00 Datasheet HTML 3Page - National Semiconductor (TI) MM54C00 Datasheet HTML 4Page - National Semiconductor (TI) MM54C00 Datasheet HTML 5Page - National Semiconductor (TI) MM54C00 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF5877
February 1988
MM54C00MM74C00 Quad 2-Input NAND Gate
MM54C02MM74C02 Quad 2-Input NOR Gate
MM54C04MM74C04 Hex Inverter
MM54C10MM74C10 Triple 3-Input NAND Gate
MM54C20MM74C20 Dual 4-Input NAND Gate
General Description
These logic gates employ complementary MOS (CMOS) to
achieve wide power supply operating range low power con-
sumption high noise immunity and symmetric controlled
rise and fall times With features such as this the 54C74C
logic family is close to ideal for use in digital systems Func-
tion and pin out compatibility with series 5474 devices mini-
mizes design time for those designers already familiar with
the standard 5474 logic family
All inputs are protected from damage due to static dis-
charge by diode clamps to VCC and GND
Features
Y
Wide supply voltage range
3V to 15V
Y
Guaranteed noise margin
1V
Y
High noise immunity
045 VCC (typ)
Y
Low power consumption
10 nWpackage (typ)
Y
Low power
Fan out of 2
TTL compatibility
driving 74L
Connection Diagrams
Dual-In-Line Packages
MM54C00MM74C00
TLF5877 – 1
Top View
Order Number MM54C00 or
MM74C00
MM54C02MM74C02
TLF5877 – 2
Top View
Order Number MM54C02 or
MM74C02
MM54C04MM74C04
TLF5877 – 3
Top View
Order Number MM54C04
or MM74C04
MM54C10MM74C10
TLF5877 – 4
Top View
Order Number MM54C10 or
MM74C10
MM54C20MM74C20
TLF5877 – 5
Top View
Order Number MM54C20 or
MM74C20
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn