Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MM54C00 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. MM54C00
Description  Quad 2-Input NAND Gate, Quad 2-Input NOR Gate, Hex Inverter, Triple 3-Input NAND Gate, Dual 4-Input NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C00 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM54C00 Datasheet HTML 1Page - National Semiconductor (TI) MM54C00 Datasheet HTML 2Page - National Semiconductor (TI) MM54C00 Datasheet HTML 3Page - National Semiconductor (TI) MM54C00 Datasheet HTML 4Page - National Semiconductor (TI) MM54C00 Datasheet HTML 5Page - National Semiconductor (TI) MM54C00 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MM54C00MM74C00 MM54C02MM74C02 MM54C04MM74C04
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
50
90
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
30
60
ns
CIN
Input Capacitance
(Note 2)
60
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate or Inverter
12
pF
MM54C10MM74C10
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
60
100
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
35
70
ns
CIN
Input Capacitance
(Note 2)
70
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
18
pF
MM54C20MM74C20
tpd0 tpd1
Propagation Delay Time to
VCC e 50V
70
115
ns
Logical ‘‘1’’ or ‘‘0’’
VCC e 10V
40
80
ns
CIN
Input Capacitance
(Note 2)
9
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Gate
30
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application
NoteAN-90
Typical Performance Characteristics
Gate Transfer Characteristics
Over Temperature vs VCC
Guaranteed Noise Margin
Power Dissipation vs Frequency
MM54C02MM74C02
MM54C00MM74C00
MM54C04MM74C04
TLF5877 – 6
3


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MM74C00 Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter 1  2  3  4  5  More Fairchild Semiconductor
CD4001BC Quad 2-Input NOR Buffered B Series Gate . Quad 2-Input NAND Buffered B Series Gate 1  2  3  4  5  More Fairchild Semiconductor
CD4023BM Buffered Triple 3-Input NAND NOR Gate 1  2  3  4  5  More National Semiconductor (TI)
HEF4000B Dual 3-input NOR gate and inverter 1  2  3  4  5  NXP Semiconductors
CD4001BM Quad 2-Input NOR NAND Buffered B Series Gate 1  2  3  4  5  More National Semiconductor (TI)
TC390 DUAL INTERFACE BUFFERS / DUAL 2-INPUT NAND/AND/OR/NOR / DUAL 4-INPUT AND/NAND WITH EXPANDER 1  2  3  List of Unclassifed Manufacturers
MC74LCX02 LOW-VOLTAGE CMOS QUAD 2-INPUT NOR GATE 1  2  3  4  5  More Motorola, Inc
SN54LS02 QUAD 2-INPUT NOR GATE 1  2  Motorola, Inc
CD4070BM Quad 2-Input EXCLUSIVE-OR NOR Gate 1  2  3  4  5  More National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn