Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1112IDRCT Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS1112IDRCT
Description  16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1112IDRCT Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS1112IDRCT Datasheet HTML 6Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 7Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 8Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 9Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 10Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 11Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 12Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 13Page - Burr-Brown (TI) ADS1112IDRCT Datasheet HTML 14Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ADS1112
SBAS282D − JUNE 2003 − REVISED MARCH 2004
www.ti.com
10
A0
A1
SLAVE ADDRESS
0
0
1001000
0
Float
1001001
0
1
1001010
1
0
1001100
1
Float
1001101
1
1
1001110
Float
0
1001011
Float
1
1001111
Float
Float
Invalid
Table 4. Address Pins and Slave Address for the
ADS1112.
I2C DATA RATES
The I2C bus operates in one of three speed modes.
Standard mode allows a clock frequency of up to 100kHz;
fast mode permits a clock frequency of up to 400kHz; and
high-speed mode (also called Hs mode), which allows a
clock frequency of up to 3.4MHz. The ADS1112 is fully
compatible with all three modes.
No special action needs to be taken to use the ADS1112
in standard or fast modes, but high-speed mode must be
activated. To activate high-speed mode, send a special
address byte of 00001xxx following the START condition,
where xxx are bits unique to the Hs-capable master. This
byte is called the Hs master code. (Note that this is different
from normal address bytes; the low bit does not indicate
read/write status.) The ADS1112 will not acknowledge this
byte; the I2C specification prohibits acknowledgment of
the Hs master code. On receiving a master code, the
ADS1112 will switch on its Hs mode filters, and
communicate at up to 3.4MHz. The ADS1112 will switch
out of Hs mode with the next STOP condition.
For more information on high-speed mode, consult the I2C
specification.
REGISTERS
The ADS1112 has two registers that are accessible via its
I2C port. The output register contains the result of the last
conversion; the configuration register allows the user to
change the ADS1112 operating mode and query the status
of the device.
OUTPUT REGISTER
The 16-bit output register contains the result of the last
conversion in binary two’s complement format. Following
reset or power-up, the output register is cleared to zero,
and remains zero until the first conversion is completed.
The output register format is shown in Table 5.
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
NAME
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 5. Output Register


Similar Part No. - ADS1112IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1112IDRCT TI1-ADS1112IDRCT Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
ADS1112IDRCTG4 TI1-ADS1112IDRCTG4 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
More results

Similar Description - ADS1112IDRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1112 TI1-ADS1112_14 Datasheet
1Mb / 26P
[Old version datasheet]   16-Bit Analog-to-Digital Converter with Input Multiplexer and Onboard Reference
ADS1110 TI1-ADS1110_13 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_14 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_16 Datasheet
1Mb / 23P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
ADS1110 TI1-ADS1110_10 Datasheet
742Kb / 22P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
NOVEMBER 2003
ADS1110 TI-ADS1110 Datasheet
520Kb / 17P
[Old version datasheet]   16-Bit ANALOG-TO-DIGITAL CONVERTER with Onboard Reference
logo
NXP Semiconductors
TDA8706 PHILIPS-TDA8706 Datasheet
76Kb / 16P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Aug 20
TDA8706A PHILIPS-TDA8706A Datasheet
136Kb / 20P
   6-bit analog-to-digital converter with multiplexer and clamp
1996 Jul 30
logo
Microchip Technology
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com