Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC10831CIN Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10831CIN
Description  10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10831CIN Datasheet(HTML) 3 Page - National Semiconductor (TI)

  ADC10831CIN Datasheet HTML 1Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 2Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 3Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 4Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 5Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 6Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 7Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 8Page - National Semiconductor (TI) ADC10831CIN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Absolute Maximum Ratings (Notes13)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Positive Supply Voltage (Va e AVa e DVa)
a
60V
Negative Supply Voltage (Vb)
b
60V
Total Supply Voltage (Va b Vb)
12V
Total Reference Voltage (VREFa –VREFb)
a
60V
Voltage at Analog Inputs
(CH0-CH7 and COM)
Va a 03V to Vb b 03V
Voltage at other Inputs and Outputs
Va a 03V to b03V
Input Current at Any Pin (Note 4)
30 mA
Package Input Current (Note 4)
120 mA
Package Dissipation at TA e 25 C (Note 5)
500 mW
ESD Susceptability (Note 6)
Human Body Model
2500V
Machine Model
150V
Soldering Information
N packages (10 seconds)
260 C
SO Package (Note 7)
Vapor Phase (60 seconds)
215 C
Infrared (15 seconds)
220 C
Storage Temperature
b
40 Cto a150 C
Operating Ratings (Notes 2 and 3)
Operating Temperature Range
TMIN s TA s TMAX
ADC10831CIN ADC10831CIWM
ADC10832CIN ADC10832CIWM
ADC10834CIN ADC10834CIWM
ADC10838CIN ADC10838CIWM b40 C s TA s a85 C
Positive Supply Voltage
a
45V to a55V
(Va e AVa e DVa)
Negative Supply Voltage (Vb)
b
45V to b55V
VREFa
AVa a50 mV to b50 mV
VREFb
AVa a50 mV to b50 mV
VREF (VREFa –VREFb)
a
05V to Va
Electrical Characteristics
The following specifications apply for Va e AVa e DVa ea50 VDC VREFa ea4096 VDC VREFb e VINb e GND
Vb eb50VDC and fCLK e 25 MHz unless otherwise specified Boldface limits apply for TA e TJ e TMIN to TMAX all
other limits TA e TJ ea25 C (Notes 8 9 and 10)
Symbol
Parameter
Conditions
Typical
Limits
Units
(Note 11)
(Note 12)
(Limits)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
10 a Sign
Bits
TUE
Total Unadjusted Error (Note 13)
g
20
LSB(max)
INL
Positive and Negative Integral
g
125
LSB(max)
Linearity Error
Positive and Negative
g
15
LSB(max)
Full-Scale Error
Offset Error
g
15
LSB(max)
Power Supply Sensitivity
Offset Error
Va ea50V g10%
g
02
g
10
LSB(max)
a
Full-Scale Error
or Vb eb50 g10%
g
02
g
10
LSB(max)
b
Full-Scale Error
g
01
g
075
LSB(max)
DC Common Mode Error (Note 14)
VINa e VINb e VIN where
g
015
g
06
LSB(max)
a
50V t VIN t b5V
Multiplexer Channel to
g
01
LSB
Channel Matching
3


Similar Part No. - ADC10831CIN

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
ADC108 MPSIND-ADC108 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022CIMT NSC-ADC108S022CIMT Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
More results

Similar Description - ADC10831CIN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC10731 TI1-ADC10731_14 Datasheet
1Mb / 34P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com