Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8578 Datasheet(PDF) 4 Page - Mallory performance club

Part # PN8578
Description  MSD Pro-Billet Small Diameter Ford V8 Distributo
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8578 Datasheet(HTML) 4 Page - Mallory performance club

  PN8578 Datasheet HTML 1Page - Mallory performance club PN8578 Datasheet HTML 2Page - Mallory performance club PN8578 Datasheet HTML 3Page - Mallory performance club PN8578 Datasheet HTML 4Page - Mallory performance club PN8578 Datasheet HTML 5Page - Mallory performance club PN8578 Datasheet HTML 6Page - Mallory performance club PN8578 Datasheet HTML 7Page - Mallory performance club PN8578 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
INSTALLATION INSTRUCTIONS
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 7 -5 2 0 0 • F AX ( 9 15 ) 8 57 - 33 4 4
Figure 6 Changing the Advance Stop Bushing.
SELECTING THE ADVANCE STOP
BUSHING
Five different advance stop bushings are supplied
in the distributor kit. The distributor comes with a
Blue (21°) bushing already installed. If a different
amount of centrifugal advance is desired, follow the
next procedure to change the bushings. The chart
in Figure 5 gives the size and approximate degrees
for the corresponding bushings.
CHANGING THE ADVANCE STOP
BUSHINGS
1. Remove the distributor cap and rotor.
2. Remove the locknut and washer on the bottom of
the advance assembly (Figure 6).
3. Remove the bushing and install the new one.
Install the washer and locknut. Do not overtighten.
LOCKING OUT THE CENTRIFUGAL
ADVANCE
1. Remove the cap and rotor.
2. Remove the advance springs, weights and
advance stop bushing from the advance assembly.
3. Remove the roll-pin from the shaft and slide the
retaining sleeve down. It should not be necessary
to remove the gear (Figure 7).
4. Slide the shaft two inches out of the housing.
5. Rotate the shaft 180° and insert the advance stop
bushing pin into the small hole on the advance
plate (Figure 8).
Figure 6 Locking Out the Centrifugal Advance.
Figure 8 Locking Out the Advance.
Figure 7 Removing the Retaining Sleeve.
Figure 5 Advance Stop Bushing Chart.
BUSHING SIZE
APPROXIMATE
CRANKSHAFT
DEGREES
Red-Smallest
28
Silver
25
Green
23
Blue
21
Purple
19
Black-Largest
18


Similar Part No. - PN8578

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8578 MALLORY-PN8578 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
More results

Similar Description - PN8578

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
85793 MALLORY-85793 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN8577 MALLORY-PN8577 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
85783 MALLORY-85783 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN8579 MALLORY-PN8579 Datasheet
394Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
85773 MALLORY-85773 Datasheet
389Kb / 8P
   MSD Pro-Billet Small Diameter Ford V8 Distributor
PN8477 MALLORY-PN8477 Datasheet
366Kb / 8P
   MSD Pro-Billet Small Diameter Street Ford V8 Distributor
PN84791 MALLORY-PN84791 Datasheet
366Kb / 8P
   MSD Pro-Billet Small Diameter Street Ford V8 Distributor
PN83501 MALLORY-PN83501 Datasheet
632Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
PN83503 MALLORY-PN83503 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
83503 MALLORY-83503 Datasheet
625Kb / 8P
   MSD Pro-Billet Small Diameter Ready-to-Run Ford V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com