Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM5450 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM5450
Description  LED Display Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM5450 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM5450 Datasheet HTML 1Page - National Semiconductor (TI) MM5450 Datasheet HTML 2Page - National Semiconductor (TI) MM5450 Datasheet HTML 3Page - National Semiconductor (TI) MM5450 Datasheet HTML 4Page - National Semiconductor (TI) MM5450 Datasheet HTML 5Page - National Semiconductor (TI) MM5450 Datasheet HTML 6Page - National Semiconductor (TI) MM5450 Datasheet HTML 7Page - National Semiconductor (TI) MM5450 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
VSS b 03V to VSS a 12V
Operating Temperature
b25 Cto a85 C
Storage Temperature
b65 Cto a150 C
Junction Temperature
a150 C
Lead Temperature (Soldering 10 sec)
300 C
Power Dissipation at a25 C
Molded DIP Package Board Mount
25W
Molded DIP Package Socket Mount
23W
Molded DIP Package board mount
iJA e 49 CW
Derate 204 mW C above 25 C
Molded DIP Package socket mount
iJA e 54 CW
Derate 185 mW C above 25 C
Electrical Characteristics TAwithinoperatingrange VDD e 475Vto110V VSS e 0Vunlessotherwisespecified
Parameter
Conditions
Min
Typ
Max
Units
Power Supply
475
11
V
Power Supply Current
Excluding Output Loads
7
mA
Input Voltages
Logical ‘‘0’’ Level (VL)
g10
mA Input Bias
b03
08
V
Logical ‘‘1’’ Level (VH)
475V s VDD
s 525V
22
VDD
V
VDD
l 525V
VDD b 2V
VDD
V
Brightness Input (Note 2)
0
075
mA
Output Sink Current
Segment OFF
VOUT e 30V
10
mA
Segment ON
VOUT e 1V (Note 3)
Brightness Input e 0
mA0
10
mA
Brightness Input e 100
mA
20
27
4
mA
Brightness Input e 750
mA15
25
mA
Brightness Input Voltage (Pin 19)
Input Current 750
mA
30
43
V
Output Matching (Note 1)
g20
%
Clock Input
(Notes 5 and 6)
Frequency fC
500
kHz
High Time th
950
ns
Low Time tl
950
ns
Data Input
Set-Up Time tDS
300
ns
Hold Time tDH
300
ns
Data Enable Input
Set-Up Time tDES
100
ns
Note 1
Output matching is calculated as the percent variation (IMAX a IMIN)2
Note 2
With a fixed resistor on the brightness input pin some variation in brightness will occur from one device to another Maximum brightness input current can
be 2 mA as long as Note 3 and junction temperature equation are complied with
Note 3
See
Figures 5 6
and
7 for Recommended Operating Conditions and limits Absolute maximum for each output should be limited to 40 mA
Note 4
The VOUT voltage should be regulated by the user See Figures 6 and 7 for allowable VOUT vs IOUT operation
Note 5
AC input waveform specification for test purpose tr
s 20 ns tf s 20 ns f e 500 kHz 50% g10% duty cycle
Note 6
Clock input rise and fall times must not exceed 300 ns
Connection Diagrams
Dual-In-Line Package
TLF6136 – 2
Top View
FIGURE 2a
Dual-In-Line Package
TLF6136 – 3
Top View
FIGURE 2b
Order Number MM5450N MM5451N MM5450V or MM5451V
See NS Package Number N40A or V44A
2


Similar Part No. - MM5450

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
MM5450 MICREL-MM5450 Datasheet
741Kb / 6P
   LED Display Driver
MM5450 MICREL-MM5450 Datasheet
283Kb / 9P
   LED Display Driver
logo
Microchip Technology
MM5450 MICROCHIP-MM5450 Datasheet
267Kb / 20P
   LED Display Driver
06/23/16
logo
Micrel Semiconductor
MM5450BN MICREL-MM5450BN Datasheet
81Kb / 8P
   LED Display Driver
More results

Similar Description - MM5450

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5450 STMICROELECTRONICS-M5450_04 Datasheet
260Kb / 12P
   LED DISPLAY DRIVERS
M5450 STMICROELECTRONICS-M5450 Datasheet
193Kb / 8P
   LED DISPLAY DRIVERS
M5451B7 STMICROELECTRONICS-M5451B7 Datasheet
243Kb / 12P
   LED DISPLAY DRIVERS
logo
ams AG
AS1106 AMSCO-AS1106_04 Datasheet
1Mb / 22P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106 Datasheet
698Kb / 20P
   8-Digit LED Display Drivers
AS1106 AMSCO-AS1106_1 Datasheet
656Kb / 20P
   8-Digit LED Display Drivers
logo
List of Unclassifed Man...
U1096B ETC1-U1096B Datasheet
579Kb / 6P
   Display Drivers
logo
Maxim Integrated Produc...
MAX7219 MAXIM-MAX7219 Datasheet
186Kb / 16P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 3; 7/97
MAX7219 MAXIM-MAX7219_10 Datasheet
946Kb / 17P
   Serially Interfaced, 8-Digit LED Display Drivers
Rev 4; 7/03
MAX7219 MAXIM-MAX7219_V01 Datasheet
1Mb / 15P
   Serially Interfaced, 8-Digit LED Display Drivers
2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com