Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R75PD2820AA70J Datasheet(PDF) 6 Page - Kemet Corporation

Part # R75PD2820AA70J
Description  R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R75PD2820AA70J Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R75PD2820AA70J Datasheet HTML 2Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 3Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 4Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 5Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 6Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 7Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 8Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 9Page - Kemet Corporation R75PD2820AA70J Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3106_R75 • 8/23/2016
6
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
Performance Characteristics cont'd
* typical value
Qualification
Automotive Grade products meet or exceed the requirements outlined by the Automotive Electronics Council. Details
regardingtestmethodsandconditionsarereferencedindocumentAEC–Q200,StressTestQualificationforPassive
Components. For additional information regarding the Automotive Electronics Council and AEC–Q200, please visit their
website at www.aecouncil.com.
Storage Conditions
Storagetime:≤24monthsfromthedatemarkedonthelabelpackage
Averagerelativehumidityperyear≤70%
RH≤85%for30daysrandomlydistributedthroughouttheyear
Dew is absent
Temperature:−40to80°C(see"MaximumHumidityinStorageConditions"graphbelow)
Test Voltage
1.6 x V
RVDCfor2seconds(betweenterminations)at+25°C±5°C
Capacitance Drift
Maximum0.5%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%to
60%
Maximum Pulse
Steepness
dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V
R),thespecifieddv/dt
can be multiplied by the factor V
R/Vpp
TemperatureCoefficient
−(200±100)ppm/°Cat1kHz
Self Inductance
(Lead Length ~ 2 mm)
Lead Spacing
(mm)
7.5
10
15
22.5
27.5
37.5
L(nH)≈
8
9
10
18
18
20
Maximum 1 nH per 1 mm lead and capacitor length.
DissipationFactortanδ
MaximumValuesat25°C±5°C
Frequency
C≤0.1µF
0.1µF<C≤1.0µF 1.0µF<C≤4.7µF
C > 4.7 µF
1 kHz
0.04%
0.05%
0.06%
0.10%
10 kHz
0.06%
0.08%
-
-
100 kHz
0.25%
-
-
-
Insulation Resistance
Measuredat+25°C±5°C,100VDC60seconds
Minimum Values Between Terminals
C≤0.33μF
C>0.33μF
≥100,000MΩ
(≥500,000MΩ)*
≥30,000MΩ•µF
(≥150,000MΩ•µF)*


Similar Part No. - R75PD2820AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75PD2820AA70J KEMET-R75PD2820AA70J Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PD2820AA70J KEMET-R75PD2820AA70J Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
More results

Similar Description - R75PD2820AA70J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
F461KE223J160C KEMET-F461KE223J160C Datasheet
1Mb / 32P
   General Purpose, Pulse and DC Transient Suppression Single Metallized Polypropylene Film
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R71MF2100AA00J KEMET-R71MF2100AA00J Datasheet
2Mb / 21P
   R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
logo
List of Unclassifed Man...
PHE426 ETC2-PHE426 Datasheet
106Kb / 12P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Kemet Corporation
PHE426 KEMET-PHE426 Datasheet
463Kb / 7P
   Single metallized film pulse capacitor, polypropylene dielectric
logo
Vishay Siliconix
MKP378 VISHAY-MKP378_06 Datasheet
241Kb / 19P
   AC and Pulse metallized polypropylene film capacitor
Iss. Date: 2006-10-16 Rev. : W
MKP1840310104M VISHAY-MKP1840310104M Datasheet
133Kb / 13P
   AC and Pulse Metallized Polypropylene Film Capacitors MKP Radial Potted Type
Revision: 01-Jul-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com