Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R71MR2100AA40M Datasheet(PDF) 5 Page - Kemet Corporation

Part # R71MR2100AA40M
Description  R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R71MR2100AA40M Datasheet(HTML) 5 Page - Kemet Corporation

  R71MR2100AA40M Datasheet HTML 1Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 2Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 3Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 4Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 5Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 6Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 7Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 8Page - Kemet Corporation R71MR2100AA40M Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3030_R71 • 2/24/2016
5
Film Capacitors
Polypropylene Pulse/High Frequency Capacitors – R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
Performance Characteristics cont'd
* typical value
Test Voltage
1.6 x V
RVDCfor2seconds(betweenterminations)@+25°C±5°C
Capacitance Drift
Maximum0.5%aftera2yearstorageperiodatatemperatureof+10°Cto+40°Candarelativehumidityof40%to60%
Maximum Pulse Steepness
dV/dt according to Table 1. For peak to peak voltages lower than rated voltage (Vpp <V
R),thespecifieddv/dt
can be multiplied by the factor V
R/Vpp
TemperatureCoefficient
−(200±100)ppm/°Cat1kHz
Self Inductance
(Lead Length ~ 2 mm)
Lead Spacing
(mm)
10
15
22.5
27.5
37.5
L(nH)≈
9
10
18
18
20
Maximum 1 nH per 1 mm lead and capacitor length.
DissipationFactortanδ
≤0.1%(0.06%)*@25°C±5°C(*typicalvalue)
Insulation Resistance
Measured@+25°C±5°C,100VDC60seconds
Minimum Values Between Terminals
C≤0.33μF
C>0.33μF
≥100,000MΩ
(≥500,000MΩ)*
≥30,000MΩ•µF
(≥150,000MΩ•µF)*


Similar Part No. - R71MR2100AA40M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71MF31004030K KEMET-R71MF31004030K Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, -40/110C, General Purpose, 420 VDC@105C, Lead Spacing=10 mm
R71MF31004030K KEMET-R71MF31004030K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.1 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
R71MF31004030K KEMET-R71MF31004030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.1 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
R71MF31504030K KEMET-R71MF31504030K Datasheet
55Kb / 1P
   Capacitor, film, 0.15 uF, /-10% Tol, -40/110C, General Purpose, 420 VDC@105C, Lead Spacing=10 mm
R71MF31504030K KEMET-R71MF31504030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.15 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
More results

Similar Description - R71MR2100AA40M

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R79GC2390AA40K KEMET-R79GC2390AA40K Datasheet
1Mb / 16P
   R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com