Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC20K0103HBB Datasheet(PDF) 1 Page - AVX Corporation

Part # NC20K0103HBB
Description  NTC SMD Thermistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

NC20K0103HBB Datasheet(HTML) 1 Page - AVX Corporation

  NC20K0103HBB Datasheet HTML 1Page - AVX Corporation NC20K0103HBB Datasheet HTML 2Page - AVX Corporation NC20K0103HBB Datasheet HTML 3Page - AVX Corporation NC20K0103HBB Datasheet HTML 4Page - AVX Corporation NC20K0103HBB Datasheet HTML 5Page - AVX Corporation NC20K0103HBB Datasheet HTML 6Page - AVX Corporation NC20K0103HBB Datasheet HTML 7Page - AVX Corporation NC20K0103HBB Datasheet HTML 8Page - AVX Corporation NC20K0103HBB Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
010617
Types
NC 12
NC 20
IEC SIZE : 0805
IEC SIZE : 1206
Terminations
Silver – palladium – platinum metallization
Marking
On packaging only
Climatic category
40/125/56
Operating temperature
-55°C to +150°C
Tolerance on Rn (25°C)
±3%*, ±5%, ±10%, ±20%
Maximum dissipation at 25°C
0.12 W
0.24 W
Thermal dissipation factor
2 mW/°C
4 mW/°C
Thermal time constant
5 s
7 s
NTC SMD Thermistors
NC 12 – NC 20 (PdPtAg Termination)
Chip thermistors are a high quality and low cost device espe-
cially developed for surface mounting applications. They are
widely used for temperature compensation but can also
achieve temperature control of printed circuits. Its silver -
palladium - platinum metallization provides a high degree of
resistance to dewetting of the terminations during soldering
(typically 260°C / 15 s). Parts are suitable for hybrid assem-
bly process, not suitabel for lead free soldering.
FEATURES
• Fast thermal response
• Commercial, Industrial and Automotive Applications
• PdPtAg Termination
• Suitable for hybrid assembly
• AEC-Q200 qualified
APPLICATIONS
• LCD compensation
• Battery packs
• Mobile phones
• CD players
• Heating systems
• Air-conditioning systems
• Refrigeration
• Temperature control of Switch Mode Power Supplies
• Compensation of pressure sensors
• Protection of power transistors in various electronic circuits
and more
2 (.079)
± 0.3 (.012)
1.25 (.049)
± 0.2 (.008)
0.5 (.020)
... 1.3 (.051)
0.2 (.008) min
0.2 (.008) min
3.2 (.126)
± 0.4 (.016)
0.2 (.008) min
0.2 (.008) min
1.6 (.063)
± 0.25 (.010)
0.5 (.020)
... 1.5 (.059)
Resistance - Temperature characteristics: pages 29 to 33.
HOW TO ORDER
DIMENSIONS: millimeters (inches)
NC 20
Type
NC12 (0805)
NC20 (1206)
K 0
Material Code
K
(See tables
pages 15)
0103
Resistance
10,000 Ω
(See tables page 15)
M
Tolerance
H (±3%)*
J (±5%)
K (±10%)
M (±20%)
BA
Suffix: Packaging
– –: Bulk (5000 pcs/reel)
NC20 BA: Plastic tape (180mm diam. reel, 3000 pcs/reel)
BE: Plastic tape (1/2 reel, 1500 pcs/reel)
BC: Plastic tape (330mm diam. reel), 10,000 pcs/reel)
NC12 BB: Cardboard tape (180mm diam. reel, 4000 pcs/reel)
BF: Cardboard tape (1/2 reel, 2000 pcs/reel)
BD: Cardboard tape (330mm diam. reel, 10,000 pcs/reel)
* Optional tolerance, please contact factory


Similar Part No. - NC20K0103HBB

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC20K00103 AVX-NC20K00103 Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00103KBA AVX-NC20K00103KBA Datasheet
200Kb / 5P
   NTC SMD Thermistors NC 12 ??NC 20
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
NC20K00123 AVX-NC20K00123 Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20K00153 AVX-NC20K00153 Datasheet
200Kb / 5P
   NTC SMD Thermistors
More results

Similar Description - NC20K0103HBB

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
TSM MERITEK-TSM Datasheet
156Kb / 3P
   NTC Thermistors SMD Thermistors
logo
AVX Corporation
NC12P00104JBB AVX-NC12P00104JBB Datasheet
200Kb / 5P
   NTC SMD Thermistors
NB20K00103MBA AVX-NB20K00103MBA Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC12 AVX-NC12 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
B57321V2103J060 TDK-B57321V2103J060 Datasheet
451Kb / 21P
   SMD NTC thermistors,
B57251V5103J060 TDK-B57251V5103J060 Datasheet
485Kb / 21P
   SMD NTC thermistors
logo
AVX Corporation
NC20K00103MBA AVX-NC20K00103MBA Datasheet
379Kb / 10P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG062QH300JTB TDK-NTCG062QH300JTB Datasheet
370Kb / 27P
   NTC Thermistors SMD
logo
AVX Corporation
NB21K00103MBB AVX-NB21K00103MBB Datasheet
235Kb / 5P
   NTC SMD Thermistors
logo
TDK Electronics
NTCG06 TDK-NTCG06 Datasheet
146Kb / 14P
   NTC Thermistors SMD NTCG series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com