Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

709159001411006 Datasheet(PDF) 2 Page - AVX Corporation

Part # 709159001411006
Description  Single 2 Piece Contacts: BTB
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

709159001411006 Datasheet(HTML) 2 Page - AVX Corporation

  709159001411006 Datasheet HTML 1Page - AVX Corporation 709159001411006 Datasheet HTML 2Page - AVX Corporation 709159001411006 Datasheet HTML 3Page - AVX Corporation 709159001411006 Datasheet HTML 4Page - AVX Corporation 709159001411006 Datasheet HTML 5Page - AVX Corporation 709159001411006 Datasheet HTML 6Page - AVX Corporation 709159001411006 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CONNECT
INTER
66
051116
Single 2 Piece Contacts: BTB
70-9159
NOTES:
1. 9159 SINGLE CONTACT, SMT MOUNT, PLUG CONTACT.
2. TO MATE WITH 70-9159-001-402-006 SOCKET CONTACT, REFER TO PAGE 67.
3. TYPICAL APPLICATIONS SEE PAGES 69 AND 70.
4. FOR FURTHER INFORMATION REFER TO SPECIFICATION 201-01-148 AND
APPLICATION NOTES 201-01-149.
5. COPPER ALLOY, NICKEL UNDERCOAT, GOLD IN CONTACT AREA.
TIN ON SOLDER TAIL.
6. GENERAL TOLERANCE ±0.20 UNLESS SPECIFIED.
7. PACKAGING IN TAPE AND REEL, QUANTITY PER REEL 4500.
8. UL REFERENCE E90723 (US AND CANADA).
9. AREA AVAILABLE FOR PICK AND PLACE.
PACKING DETAILS
SUGGESTED PCB LAYOUT
70-9159-001-401-006


Similar Part No. - 709159001411006

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
709159L RENESAS-709159L Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
709159L6BF IDT-709159L6BF Datasheet
176Kb / 16P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709159L6BF RENESAS-709159L6BF Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
709159L6BFI IDT-709159L6BFI Datasheet
176Kb / 16P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709159L6BFI RENESAS-709159L6BFI Datasheet
370Kb / 17P
   HIGH-SPEED 16/8K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
More results

Similar Description - 709159001411006

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
70-9150 AVX-70-9150 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
709150001020006 AVX-709150001020006 Datasheet
705Kb / 7P
   Pogo Pin Single Contact: BTB
logo
Tyco Electronics
601105-000 MACOM-601105-000 Datasheet
169Kb / 9P
   SolderTacts Shielded One-Piece Solder Contacts
350792-1 MACOM-350792-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223957-1 MACOM-5223957-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
5223995-2 MACOM-5223995-2 Datasheet
1Mb / 6P
   2-Piece Power Connectors
643424-1 MACOM-643424-1 Datasheet
1Mb / 6P
   2-Piece Power Connectors
logo
AVX Corporation
70-9155610004 AVX-70-9155610004 Datasheet
162Kb / 3P
   Single Compression Contact: Board-to-Board (BTB)
logo
Kendall Howard
1927-3-002-00-WP KENDALLHOWARD-1927-3-002-00-WP Datasheet
55Kb / 1P
   2 PIECE RACK CONVERSION KIT
logo
AVX Corporation
10-9296 AVX-10-9296 Datasheet
287Kb / 3P
   BTB Jumper
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com