Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R71MW2100AA40K Datasheet(PDF) 12 Page - Kemet Corporation

Part # R71MW2100AA40K
Description  R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R71MW2100AA40K Datasheet(HTML) 12 Page - Kemet Corporation

Back Button R71MW2100AA40K Datasheet HTML 8Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 9Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 10Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 11Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 12Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 13Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 14Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 15Page - Kemet Corporation R71MW2100AA40K Datasheet HTML 16Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3030_R71 • 2/24/2016 12
Film Capacitors
Polypropylene Pulse/High Frequency Capacitors – R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
VDC
VAC Capacitance
Value (µF)
Dimensions in mm
Lead
Spacing (p)
Φ d
(mm)
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
B
H
L
1,000
275
2.2
16.0
28.5
41.5
37.5
1.0
120
240,000
71QW4220(1)10(2)
R71QW4220(1)10(2)
1,000
275
2.2
20.0
40.0
41.5
37.5
1.0
120
240,000
71QW4220(1)20(2)
R71QW4220(1)20(2)
1,000
275
2.7
16.0
28.5
41.5
37.5
1.0
120
240,000
71QW4270(1)10(2)
R71QW4270(1)10(2)
1,000
275
2.7
24.0
44.0
41.5
37.5
1.0
120
240,000
71QW4270(1)20(2)
R71QW4270(1)20(2)
1,000
275
3.3
19.0
32.0
41.5
37.5
1.0
120
240,000
71QW4330(1)10(2)
R71QW4330(1)10(2)
1,000
275
3.3
24.0
44.0
41.5
37.5
1.0
120
240,000
71QW4330(1)00(2)
R71QW4330(1)00(2)
1,000
275
3.9
19.0
32.0
41.5
37.5
1.0
120
240,000
71QW4390(1)10(2)
R71QW4390(1)10(2)
1,000
275
3.9
24.0
44.0
41.5
37.5
1.0
120
240,000
71QW4390(1)00(2)
R71QW4390(1)00(2)
1,000
275
4.7
20.0
40.0
41.5
37.5
1.0
80
160,000
71QW4470(1)10(2)
R71QW4470(1)10(2)
1,000
275
4.7
24.0
44.0
41.5
37.5
1.0
80
160,000
71QW4470(1)00(2)
R71QW4470(1)00(2)
1,000
275
5.6
24.0
44.0
41.5
37.5
1.0
80
160,000
71QW4560(1)20(2)
R71QW4560(1)20(2)
1,000
275
5.6
30.0
45.0
41.5
37.5
1.0
80
160,000
71QW4560(1)00(2)
R71QW4560(1)00(2)
1,000
275
6.8
24.0
44.0
41.5
37.5
1.0
80
160,000
71QW4680(1)10(2)
R71QW4680(1)10(2)
1,000
275
8.2
24.0
44.0
41.5
37.5
1.0
80
160,000
71QW4820(1)10(2)
R71QW4820(1)10(2)
1,000
275
10.0
30.0
45.0
41.5
37.5
1.0
80
160,000
71QW5100(1)10(2)
R71QW5100(1)10(2)
VDC
VAC
Capacitance
Value (µF)
B (mm) H (mm) L (mm)
Lead
Spacing (p)
Φ d (mm)
dV/dt
(V/µs)
Max K
0
(V2/µs)
New KEMET
Part Number
Legacy Part
Number
Table 1 – Ratings & Part Number Reference cont'd
(1) Insert lead and packaging code. See Ordering Options Table for available options.
(2) J = 5%, K = 10%, M = 20%.
(3) M = ±20% (only available tolerance)


Similar Part No. - R71MW2100AA40K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71MF31004030K KEMET-R71MF31004030K Datasheet
55Kb / 1P
   Capacitor, film, 0.1 uF, /-10% Tol, -40/110C, General Purpose, 420 VDC@105C, Lead Spacing=10 mm
R71MF31004030K KEMET-R71MF31004030K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.1 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
R71MF31004030K KEMET-R71MF31004030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.1 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
R71MF31504030K KEMET-R71MF31504030K Datasheet
55Kb / 1P
   Capacitor, film, 0.15 uF, /-10% Tol, -40/110C, General Purpose, 420 VDC@105C, Lead Spacing=10 mm
R71MF31504030K KEMET-R71MF31504030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.15 uF, 10%, 420 V, 105C, Lead Spacing = 10mm
More results

Similar Description - R71MW2100AA40K

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R79GC2390AA40K KEMET-R79GC2390AA40K Datasheet
1Mb / 16P
   R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com