Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4052N Datasheet(PDF) 16 Page - NXP Semiconductors

Part # 74HC4052N
Description  Dual 4-channel analog multiplexer, demultiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4052N Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button 74HC4052N Datasheet HTML 12Page - NXP Semiconductors 74HC4052N Datasheet HTML 13Page - NXP Semiconductors 74HC4052N Datasheet HTML 14Page - NXP Semiconductors 74HC4052N Datasheet HTML 15Page - NXP Semiconductors 74HC4052N Datasheet HTML 16Page - NXP Semiconductors 74HC4052N Datasheet HTML 17Page - NXP Semiconductors 74HC4052N Datasheet HTML 18Page - NXP Semiconductors 74HC4052N Datasheet HTML 19Page - NXP Semiconductors 74HC4052N Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
2004 Nov 11
16
Philips Semiconductors
Product specification
Dual 4-channel analog multiplexer,
demultiplexer
74HC4052; 74HCT4052
Type 74HC4052 and 74HCT4052
Recommended conditions and typical values; GND = 0 V; Tamb =25 °C; CL =50pF. Vis is the input voltage at pins nYn
or nZ, whichever is assigned as an input. Vos is the output voltage at pins nYn or nZ, whichever is assigned as an
output.
Notes
1. Adjust input voltage Vis to 0 dBm level (0 dBm = 1 mW into 600 Ω).
2. Adjust input voltage Vis to 0 dBm level at Vos for 1 MHz (0 dBm = 1 mW into 50 Ω).
SYMBOL
PARAMETER
TEST CONDITIONS
TYP.
UNIT
OTHER
Vis(p-p)
(V)
VCC (V) VEE (V)
dsin
sine-wave distortion
f = 1 kHz; RL =10kΩ;
see Fig.13
4.0
2.25
−2.25
0.04
%
8.0
4.5
−4.5
0.02
%
f = 10 kHz; RL =10kΩ;
see Fig.13
4.0
2.25
−2.25
0.12
%
8.0
4.5
−4.5
0.06
%
αOFF(feedthr)
switch OFF signal
feed-through
RL = 600 Ω; f = 1 MHz;
see Figs 14 and 15
note 1
2.25
−2.25
−50
dB
4.5
−4.5
−50
dB
αct(s)
crosstalk between two
switches/multiplexers
RL = 600 Ω; f = 1 MHz;
see Fig.16
note 1
2.25
−2.25
−60
dB
4.5
−4.5
−60
dB
Vct(p-p)
crosstalk voltage
between control and
any switch
(peak-to-peak value)
RL = 600 Ω; f = 1 MHz; E or Sn,
square-wave between VCC and
GND, tr =tf = 6 ns; see Fig.17
4.5
0
110
mV
4.5
−4.5
220
mV
fmax
minimum frequency
response (
−3dB)
RL =50 Ω; see Figs 13 and 18
note 2
2.25
−2.25
170
MHz
4.5
−4.5
180
MHz
CS
maximum switch
capacitance
independent (Y)
−−−
5pF
common (Z)
−−−
12
pF
handbook, full pagewidth
MNB052
10
µF
RL
Vos
Vis
CL dB
nZ/nYn
nYn/nZ
GND
channel
ON
Fig.13 Test circuit for measuring sine-wave distortion and minimum frequency response.


Similar Part No. - 74HC4052N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4052N NXP-74HC4052N Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
74HC4052N NXP-74HC4052N Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
More results

Similar Description - 74HC4052N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052 NXP-74HC4052 Datasheet
286Kb / 27P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 06-11 January 2010
logo
BCD Semiconductor Manuf...
AZ4052 BCDSEMI-AZ4052 Datasheet
618Kb / 18P
   Dual 4-channel Analog Multiplexer/Demultiplexer
logo
Unisonic Technologies
U74LVX4052 UTC-U74LVX4052 Datasheet
239Kb / 11P
   Dual 4-Channel Analog Multiplexer/Demultiplexer
logo
NXP Semiconductors
74HC4052D652 NXP-74HC4052D652 Datasheet
210Kb / 29P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 10-19 July 2012
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
STMicroelectronics
M74HCT4052 STMICROELECTRONICS-M74HCT4052 Datasheet
323Kb / 14P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_16 Datasheet
225Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER, DEMULTIPLEXER
logo
NXP Semiconductors
74LV4052 PHILIPS-74LV4052_15 Datasheet
228Kb / 26P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 4-1 July 2013
logo
Unisonic Technologies
U74HC4052 UTC-U74HC4052_15 Datasheet
229Kb / 9P
   DUAL 4-CHANNEL ANALOG MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
HEF4052B NEXPERIA-HEF4052B Datasheet
295Kb / 18P
   Dual 4-channel analog multiplexer/demultiplexer
Rev. 11 - 15 December 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com