Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T498C227M004AGE500 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T498C227M004AGE500
Description  T498 Series Automotive Grade MnO2 150째C
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498C227M004AGE500 Datasheet(HTML) 1 Page - Kemet Corporation

  T498C227M004AGE500 Datasheet HTML 1Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 2Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 3Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 4Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 5Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 6Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 7Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 8Page - Kemet Corporation T498C227M004AGE500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2053_T498_AUTO • 8/10/2016
1
One world. One KEMET
Benefits
• Meets or exceeds EIA standard 535BAAC
• Taped and reeled per EIA 481
• Symmetrical, compliant terminations
• Optional gold-plated terminations
• Laser-marked case
• 100% surge current testing
• Complies with AEC–Q200
• Capacitancevaluesof0.47μFto220μF
• Tolerances of ±10% and ±20%
• Voltage rating of 4 – 50 VDC
• 100% steady-state accelerated aging
• Temperature/voltage derating is 2/3 at 150°C
• RoHS Compliant and lead-free terminations standard
• Operatingtemperaturerangeof−55˚Cto+150˚C
Overview
The KEMET T498 Series is a high temperature product
that offers optimum performance characteristics in
applications with operating temperatures up to 150°C.
Advanced materials and testing allow this series to
perform with a reliability level of 0.5%/1,000 hours at
ratedvoltageandtemperature.Thisseriesisclassified
as MSL (Moisture Sensitivity Level) 1 under J STD 020:
unlimitedfloorlifetimeat≤30°C/85%RH.TheT498Seriesis
availableinfivestandardEIAcasesizeswithRoHScompliant
terminations as standard.
Tantalum Surface Mount Capacitors – Automotive Grade
T498 Series Automotive Grade MnO
2 150°C
Applications
TypicalapplicationsincludedecouplingandfilteringinindustrialandautomotiveendapplicationssuchasDC/DC
converters, portable electronics, telecommunications, and control units operating at temperatures up to 150°C.
Environmental Compliance
RoHS Compliant (6/6) according to Directive 2002/95/EC when ordered with 100% Sn solder.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T498C227M004AGE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498C227M006AGE1K5 KEMET-T498C227M006AGE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498C227M006AGE500 KEMET-T498C227M006AGE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498C227M006AHE1K5 KEMET-T498C227M006AHE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498C227M006AHE500 KEMET-T498C227M006AHE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T498C227M006ATE1K5 KEMET-T498C227M006ATE1K5 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498C227M004AGE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
T498D106K050ATE1K0 KEMET-T498D106K050ATE1K0 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com