Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54FCT Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54FCT
Description  Octal D Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54FCT Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54FCT Datasheet HTML 1Page - National Semiconductor (TI) 54FCT Datasheet HTML 2Page - National Semiconductor (TI) 54FCT Datasheet HTML 3Page - National Semiconductor (TI) 54FCT Datasheet HTML 4Page - National Semiconductor (TI) 54FCT Datasheet HTML 5Page - National Semiconductor (TI) 54FCT Datasheet HTML 6Page - National Semiconductor (TI) 54FCT Datasheet HTML 7Page - National Semiconductor (TI) 54FCT Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DC Characteristics for ’FCT Family Devices (Continued)
Typical values are at VCC e 50V 25 C ambient and maximum loading For test conditions shown as Max use the value
specified for the appropriate device type Com VCC e 50V g5% TA e 0 Cto a70 C Mil VCC e 50V g10% TA eb55 C
to a125 C VHC e VCC b 02V
Symbol
Parameter
54FCT74FCT
Units
Conditions
Min
Typ
Max
VOL
Maximum Low Level
GND
02
V
VCC e 3V VIN e 02V or VHC
Output Voltage
IOL e 300 mA
GND
02
VCC e Min
IOL e 300 mA
03
05
VIN eVIH or VIL
IOL e 48 mA (Mil)
03
05
IOL e 32 mA (Com)
ICC
Maximum Quiescent
VCC e Max
Supply Current
10
400
m
AVIN t VHC VIN s 02V
fI e 0
D
ICC
Quiescent Supply Current
05
20
mA
VCC e Max
TTL Inputs HIGH
VIN e 34V (Note 3)
ICCD
Dynamic Power
VCC Max
VIN t VHC
Supply Current (Note 4)
Outputs Open
VIN s 02V
025
040
mAMHz
MR e VCC
One Input Toggling
50% Duty Cycle
VH
Input Hysteresis
200
mV
on Clock Only
IC
Total Power
VCC e Max
VIN t VHC
Supply Current (Note 6)
15
40
Outputs Open
VIN s 02V
MR e VCC
fI e 10 MHz
VIN e 34V
18
60
One Bit Toggling
VIN e GND
50% Duty Cycle
mA
(Note 5)
VIN t VHC
30
78
VCC e Max
VIN s 02V
Outputs Open
MR e VCC
fI e 25 MHz
VIN e 34V
50
168
Eight Bits Toggling
VIN e GND
50% Duty Cycle
VH
Input Hysteresis on Clock Only
200
mV
Note 1
Maximum test duration not to exceed one second not more than one output shorted at one time
Note 2
This parameter guaranteed but not tested
Note 3
Per TTL driven input (VIN e 34V) all other inputs at VCC or GND
Note 4
This parameter is not directly testable but is derived for use in Total Power Supply calculations
Note 5
Values for these conditions are examples of the ICC formula These limits are guaranteed but not tested
Note 6
IC e IQUIESCENT a IINPUTS a IDYNAMIC
IC e ICC a DICC DHNT a ICCD (fCP 2 a fI NI)
ICC e Quiescent Current
D
ICC e Power Supply Curent for a TTL High Input (VIN e 34V)
DH e Duty Cycle for TTL inputs High
NT e Number of Inputs at DH
ICCD e Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP e Clock Frequency for Register Devices (Zero for Non-Register Devices)
fI e Input Frequency
NI e Number of Inputs at fI
All currents are in milliamps and all frequencies are in megahertz
4


Similar Part No. - 54FCT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54FCT138 NSC-54FCT138 Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
54FCT138D NSC-54FCT138D Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
54FCT138F NSC-54FCT138F Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
54FCT138L NSC-54FCT138L Datasheet
174Kb / 7P
   1-of-8 Decoder/Demultiplexer
logo
Renesas Technology Corp
54FCT162244ATE RENESAS-54FCT162244ATE Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results

Similar Description - 54FCT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
   OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
National Semiconductor ...
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
   Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
   Octal D Flip-Flop
December, 2016 ??Rev. 8
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
   Octal D flip-flop
1996 Mar 12
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
   Octal D Flip-Flop
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
   Octal D Flip-Flop
logo
NXP Semiconductors
74LVT273 PHILIPS-74LVT273 Datasheet
94Kb / 11P
   3.3V Octal D flip-flop
1998 Feb 19
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com