Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

56F8345 Datasheet(PDF) 8 Page - Motorola, Inc

Part # 56F8345
Description  56F8345 16-bit Hybrid Controller
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

56F8345 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button 56F8345 Datasheet HTML 4Page - Motorola, Inc 56F8345 Datasheet HTML 5Page - Motorola, Inc 56F8345 Datasheet HTML 6Page - Motorola, Inc 56F8345 Datasheet HTML 7Page - Motorola, Inc 56F8345 Datasheet HTML 8Page - Motorola, Inc 56F8345 Datasheet HTML 9Page - Motorola, Inc 56F8345 Datasheet HTML 10Page - Motorola, Inc 56F8345 Datasheet HTML 11Page - Motorola, Inc 56F8345 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
8
56F8345 Technical Data
Preliminary
Figure 1-1 System Bus Interfaces
Note:
Flash memories are encapsulated within the Flash Memory (FM) Module. Flash control is
accomplished by the I/O to the FM over the peripheral bus, while reads and writes are
completed between the core and the Flash memories.
Note:
The primary data RAM port is 32 bits wide. Other data ports are 16 bits.
56800E
Program
Flash
Program
RAM
Data RAM
pab[20:0]
xab1[23:0]
xab2[23:0]
EMI*
11
4
6
Data Flash
pdb_m[15:0]
cdbw[31:0]
cdbr_m[31:0]
xdb2_m[15:0]
Address
Data
Control
IPBus
Bridge
IPBus
JTAG / EOnCE
5
Boot
Flash
Flash
Memory
Module
To Flash
Control Logic
CHIP
TAP
Controller
TAP
Linking
Module
External JTAG
Port
* EMI not functional in this
package; since only part of the
address/data bus is bonded out,
use as GPIO pins
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - 56F8345

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
56F8345 FREESCALE-56F8345 Datasheet
2Mb / 164P
   16-bit Digital Signal Controllers
56F8345 FREESCALE-56F8345 Datasheet
877Kb / 172P
   16-bit Digital Signal Controllers
56F8345 FREESCALE-56F8345_07 Datasheet
877Kb / 172P
   16-bit Digital Signal Controllers
More results

Similar Description - 56F8345

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
DSP56F805 MOTOROLA-DSP56F805 Datasheet
967Kb / 48P
   16-bit Hybrid Controller
56F827 MOTOROLA-56F827 Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
56F8356 MOTOROLA-56F8356 Datasheet
1Mb / 160P
   56F8356 16-bit Hybrid Controller
56F801 MOTOROLA-56F801 Datasheet
858Kb / 44P
   56F801 16-bit Hybrid Controller
MC56F8346 MOTOROLA-MC56F8346 Datasheet
1Mb / 160P
   56F8346 16-bit Hybrid Controller
56F803 MOTOROLA-56F803 Datasheet
947Kb / 48P
   56F803 16-bit Hybrid Controller
56F8322 MOTOROLA-56F8322 Datasheet
1Mb / 128P
   56F8322 16-bit Hybrid Controller
logo
List of Unclassifed Man...
56F8357 ETC-56F8357 Datasheet
2Mb / 172P
   16-BIT HYBRID CONTROLLERS
logo
Motorola, Inc
MC56F8323 MOTOROLA-MC56F8323 Datasheet
1Mb / 140P
   16-bit Hybrid Controllers
logo
Freescale Semiconductor...
56F8347 FREESCALE-56F8347 Datasheet
1Mb / 176P
   16-BIT HYBRID CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com