Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R71PW2100AA20J Datasheet(PDF) 8 Page - Kemet Corporation

Part # R71PW2100AA20J
Description  R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R71PW2100AA20J Datasheet(HTML) 8 Page - Kemet Corporation

Back Button R71PW2100AA20J Datasheet HTML 4Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 5Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 6Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 7Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 8Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 9Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 10Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 11Page - Kemet Corporation R71PW2100AA20J Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3030_R71 • 2/24/2016
8
Film Capacitors
Polypropylene Pulse/High Frequency Capacitors – R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
Environmental Test Data
Damp Heat, Steady
State Test
Test Conditions:
Performances
Test 1st
Temperature:
Relative humidity (RH):
Test duration:
+40°C±2°C
93% ± 2%
56 days
│ΔC/C│≤5%,
IRaftertest≥50%ofinitiallimit
Test 2nd
Temperature:
Relative humidity (RH):
Test duration:
+60°C±2°C
95% ± 2%
500 hours
Endurance Test
Test Conditions
Performances
Temperature:
Voltage applied:
Test duration:
+105°C±2°C
1.25 x V
R (DC)
2,000 hours
│ΔC/C│≤5%,
IRaftertest≥50%ofinitiallimit
Resistance to Soldering
Heat Test
Test Conditions
Performances
Solder bath temperature:
Dipping time (with heat
screen):
260°C±5°C
10 seconds ±1 second
│ΔC/C│≤2%
Environmental Compliance
All KEMET pulse capacitors are RoHS Compliant.


Similar Part No. - R71PW2100AA20J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71PF22204030K KEMET-R71PF22204030K Datasheet
56Kb / 1P
   Capacitor, film, 0.022 uF, /-10% Tol, -40/110C, General Purpose, 630 VDC@105C, Lead Spacing=10 mm
R71PF24704030K KEMET-R71PF24704030K Datasheet
56Kb / 1P
   Capacitor, film, 0.047 uF, /-10% Tol, -40/110C, General Purpose, 630 VDC@105C, Lead Spacing=10 mm
R71PF24704030K KEMET-R71PF24704030K Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 630 V, 105C, Lead Spacing = 10mm
R71PF24704030K KEMET-R71PF24704030K_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R71, 0.047 uF, 10%, 630 V, 105C, Lead Spacing = 10mm
R71PF26804030K KEMET-R71PF26804030K Datasheet
56Kb / 1P
   Capacitor, film, 0.068 uF, /-10% Tol, -40/110C, General Purpose, 630 VDC@105C, Lead Spacing=10 mm
More results

Similar Description - R71PW2100AA20J

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R79GC2390AA40K KEMET-R79GC2390AA40K Datasheet
1Mb / 16P
   R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J Datasheet
373Kb / 3P
   Radial Leaded Metallized Polypropylene Film Capacitors
472PSB302K2G ILLINOISCAPACITOR-472PSB302K2G_13 Datasheet
806Kb / 7P
   Radial leaded metallized polypropylene film capacitors
logo
Vishay Siliconix
MKP386M VISHAY-MKP386M Datasheet
255Kb / 19P
   Metallized Polypropylene Film Capacitor Radial Snubber Type
Revision: 11-Nov-13
logo
Illinois Capacitor, Inc...
222PPR202KE ILLINOISCAPACITOR-222PPR202KE_13 Datasheet
435Kb / 3P
   Small size Radial leaded metallized polypropylene film capacitors for Pulse applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com