Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T498B227K010ATE500 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T498B227K010ATE500
Description  T498 Series Automotive Grade MnO2 150째C
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T498B227K010ATE500 Datasheet(HTML) 4 Page - Kemet Corporation

  T498B227K010ATE500 Datasheet HTML 1Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 2Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 3Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 4Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 5Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 6Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 7Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 8Page - Kemet Corporation T498B227K010ATE500 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2053_T498_AUTO • 8/10/2016
44
Tantalum Surface Mount Capacitors – Automotive Grade
T498 Series Automotive Grade MnO2 150°C
Electrical Characteristics
Capacitancevs.Frequency
ESRvs.Frequency
Dimensions – Millimeters (Inches)
Metric will govern
H
X
T
B
B
G
F
E
A
L
R
P
SIDE VIEW
ANODE (+) END VIEW
BOTTOM VIEW
CATHODE (-) END VIEW
W
S
S
Termination cutout
at KEMET's option,
either end
Case Size
Component
KEMET EIA
L
W
H
F±0.1
±(0.004)
S ±0.3
±(0.012)
B ±0.15 (Ref)
±0.006
X (Ref)
P (Ref) R (Ref) T (Ref) A (Min) G (Ref) E (Ref)
A
3216–18
3.2±0.2
(0.126±0.008)
1.6±0.2
(0.063±0.008)
1.6±0.2
(0.063±0.008)
1.2
(0.047)
0.8
(0.031)
0.4
(0.016)
0.10±0.10
(0.004±0.004)
0.4
(0.016)
0.4
(0.016)
0.13
(0.005)
1.2
(0.047)
1.1
(0.043)
1.3
(0.051)
B
3528–21
3.5±0.2
(0.138±0.008)
2.8±0.2
(0.110±0.008)
1.9±0.2
(0.075±0.008)
2.2
(0.087)
0.8
(0.031)
0.4
(0.016)
0.10±0.10
(0.004±0.004)
0.5
(0.020)
1.0
(0.039)
0.13
(0.005)
1.9
(0.075)
1.8
(0.071)
2.2
(0.087)
C
6032–28
6.0±0.3
(0.236±0.012)
3.2±0.3
(0.126±0.012)
2.5±0.3
(0.098±0.012)
2.2
(0.087)
1.3
(0.051)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
3.1
(0.122)
2.8
(0.110)
2.4
(0.094)
D
7343–31
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169±0.012)
2.8±0.3
(0.110±0.012)
2.4
(0.094)
1.3
(0.051)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
0.9
(0.035)
1.0
(0.039)
0.13
(0.005)
3.8
(0.150)
3.5
(0.138)
3.5
(0.138)
X
7343–43
7.3±0.3
(0.287±0.012)
4.3±0.3
(0.169 ±0.012)
4.0±0.3
(0.157±0.012)
2.4
(0.094)
1.3
(0.051)
0.5
(0.020)
0.10±0.10
(0.004±0.004)
1.7
(0.067)
1.0
(0.039)
0.13
(0.005)
3.8
(0.150)
3.5
(0.138)
3.5
(0.138)
Notes: (Ref) – Dimensions provided for reference only.
0.1
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T498B106M010ATE1K8
T498D476M010ATE600
T498X227M010ATE500
0.1
1
10
100
1,000
100
1,000
10,000
100,000
1,000,000
10,000,000
Frequency (Hz)
T498B106M010ATE1K8_IMP
T498D476M010ATE600_IMP
T498B106M010ATE1K8_ESR
T498X227M010ATE500_IMP
T498D476M010ATE600_ESR
T498X227M010ATE500_ESR


Similar Part No. - T498B227K010ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T498B227K010ATE500 KEMET-T498B227K010ATE500 Datasheet
959Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
More results

Similar Description - T498B227K010ATE500

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T499B474K035ATE8K0 KEMET-T499B474K035ATE8K0 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Automotive Grade T499 Series Automotive Grade MnO2 175C
T498D106K050ATE1K0 KEMET-T498D106K050ATE1K0 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??High Temperature T498 150C Rated MnO2 Series
T510X477M006ATA030 KEMET-T510X477M006ATA030 Datasheet
1Mb / 15P
   T510 Series Automotive Grade Multiple Anode Low ESR MnO2
logo
ATMEL Corporation
ATMEGA16M1AUTO ATMEL-ATMEGA16M1AUTO Datasheet
413Kb / 12P
   Automotive Specification at 150째C
logo
Kemet Corporation
T491C105K050AT KEMET-T491C105K050AT Datasheet
2Mb / 25P
   T491 Series Industrial Grade MnO2
T491C226K006AT KEMET-T491C226K006AT Datasheet
1Mb / 23P
   T491 Industrial Grade MnO2 Series
T491A106M006AT KEMET-T491A106M006AT Datasheet
2Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A106M010AT KEMET-T491A106M010AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491C107K016ZT KEMET-T491C107K016ZT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
T491A475M016AT KEMET-T491A475M016AT Datasheet
1Mb / 24P
   T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com