Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIB413DK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIB413DK
Description  P-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIB413DK Datasheet(HTML) 2 Page - Vishay Siliconix

  SIB413DK Datasheet HTML 1Page - Vishay Siliconix SIB413DK Datasheet HTML 2Page - Vishay Siliconix SIB413DK Datasheet HTML 3Page - Vishay Siliconix SIB413DK Datasheet HTML 4Page - Vishay Siliconix SIB413DK Datasheet HTML 5Page - Vishay Siliconix SIB413DK Datasheet HTML 6Page - Vishay Siliconix SIB413DK Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 70441
S-80515-Rev. C, 10-Mar-08
Vishay Siliconix
SiB413DK
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 20
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 18.7
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
2.56
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.6
- 1.5
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 12 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 20 V, VGS = 0 V
- 1
µA
VDS = - 20 V, VGS = 0 V, TJ = 55 °C
- 10
On-State Drain Currenta
ID(on)
VDS ≤ 5 V, VGS = - 4.5 V
12
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 6.5 A
0.062
0.075
Ω
VGS = - 2.5 V, ID = - 1.8 A
0.119
0.143
Forward Transconductancea
gfs
VDS = - 10 V, ID = - 6.5 A
8S
Dynamicb
Input Capacitance
Ciss
VDS = - 10 V, VGS = 0 V, f = 1 MHz
357
pF
Output Capacitance
Coss
93
Reverse Transfer Capacitance
Crss
63
Total Gate Charge
Qg
VDS = - 10 V, VGS = - 5 V, ID = - 6.5 A
5.09
7.63
nC
VDS = - 10 V, VGS = - 4.5 V, ID = - 6.5 A
4.56
6.84
Gate-Source Charge
Qgs
0.77
Gate-Drain Charge
Qgd
0.93
Gate Resistance
Rg
f = 1 MHz
8.1
Ω
Turn-On Delay Time
td(on)
VDD = - 10 V, RL = 2.70 Ω
ID ≅ - 3.7 A, VGEN = - 4.5 V, Rg = 1 Ω
20.5
30.75
ns
Rise Time
tr
46
69
Turn-Off Delay Time
td(off)
20
30
Fall Time
tf
6.5
9.75
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 9
A
Pulse Diode Forward Current
ISM
12
Body Diode Voltage
VSD
IS = - 3.2 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 3.2 A, di/dt = 100 A/µs, TJ = 25 °C
19.3
29
ns
Body Diode Reverse Recovery Charge
Qrr
7.6
11.4
nC
Reverse Recovery Fall Time
ta
7.1
ns
Reverse Recovery Rise Time
tb
12.2


Similar Part No. - SIB413DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIB410DK VISHAY-SIB410DK Datasheet
192Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Oct-10
logo
Vishay Telefunken
SIB410DK TFUNK-SIB410DK Datasheet
196Kb / 9P
   N-Channel 30 V (D-S) MOSFET
logo
Vishay Siliconix
SIB410DK-T1-GE3 VISHAY-SIB410DK-T1-GE3 Datasheet
192Kb / 9P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 04-Oct-10
SIB411DK VISHAY-SIB411DK Datasheet
215Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 10-Mar-08
SIB411DK-T1-E3 VISHAY-SIB411DK-T1-E3 Datasheet
215Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. C, 10-Mar-08
More results

Similar Description - SIB413DK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com