Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIA438EDJ Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SIA438EDJ
Description  N-Channel 20-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIA438EDJ Datasheet(HTML) 5 Page - Vishay Siliconix

  SIA438EDJ Datasheet HTML 1Page - Vishay Siliconix SIA438EDJ Datasheet HTML 2Page - Vishay Siliconix SIA438EDJ Datasheet HTML 3Page - Vishay Siliconix SIA438EDJ Datasheet HTML 4Page - Vishay Siliconix SIA438EDJ Datasheet HTML 5Page - Vishay Siliconix SIA438EDJ Datasheet HTML 6Page - Vishay Siliconix SIA438EDJ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Document Number: 69092
S09-0224-Rev. B, 09-Feb-09
www.vishay.com
5
Vishay Siliconix
SiA438EDJ
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Safe Operating Area, Junction-to-Ambient
VDS - Drain-to-Source Voltage (V)
* VGS > minimum VGS at which RDS(on) is specified
100
1
0.1
1
10
100
0.01
10
0.1
TA = 25 °C
Single Pulse
100 µs
Limited byRDS(on)*
BVDSS Limited
1ms
10 ms
100 ms
1s,10s
DC
Current Derating*
TC - Case Temperature (°C)
0
3
6
9
12
15
0
255075
100
125
150
Package Limited
Power Derating
TC - Case Temperature (°C)
0
3
6
9
12
25
50
75
100
125
150


Similar Part No. - SIA438EDJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIA430DJ VISHAY-SIA430DJ Datasheet
226Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 26-May-08
logo
Analog Devices
SiA430DJ AD-SiA430DJ Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
SiA430DJ AD-SiA430DJ Datasheet
843Kb / 28P
   20 V, 6 A Synchronous Step-Down
REV. 0
SiA430DJ AD-SiA430DJ Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
logo
Vishay Telefunken
SIA430DJ TFUNK-SIA430DJ Datasheet
207Kb / 9P
   N-Channel 20 V (D-S) MOSFET
More results

Similar Description - SIA438EDJ

ManufacturerPart #DatasheetDescription
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com