Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M52348FP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M52348FP
Description  WIDE FREQUENCY BAND ANALOG SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52348FP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M52348FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52348FP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MITSUBISHI ICs (Monitor)
M52348FP
WIDE FREQUENCY BAND ANALOG SWITCH
3
ELECTRICAL CHARACTERISTICS (cont.)
Symbol
Parameter
Test
point
Power
supply
Test conditions
SW
Limits
Unit
Vcc
SW2
Rin1
SW5
Gin1
SW7
Bin1
SW8
Hin1
SW9
Vin1
SW11
Rin2
SW13
Gin2
SW16
Bin2
SW17
Hin2
SW18
Vin2
SW19
Swich
Min.
Typ.
Max.
C.T.I.1
Crosstalk 1
between 2 inputs
(10MHz)
T.P.35
T.P.30
T.P.27
5
abb
SG3
bab
SG3
bba
SG3
b
-
b
-
b
-
b
-
b
-
b
-
b
-
GND
OPEN
-
-60
-50
dB
C.T.I.2
Crosstalk 2
between 2 inputs
(10MHz)
T.P.35
T.P.30
T.P.27
5
b
-
b
-
b
-
b
-
b
-
abb
SG3
bab
SG3
bba
SG3
b
-
b
-
OPEN
GND
-
-60
-50
dB
C.T.I.3
Crosstalk 3
between 2 inputs
(100MHz)
T.P.35
T.P.30
T.P.27
5
abb
SG4
bab
SG4
bba
SG4
b
-
b
-
b
-
b
-
b
-
b
-
b
-
GND
OPEN
-
-40
-35
dB
C.T.I.4
Crosstalk 4
between 2 inputs
(100MHz)
T.P.35
T.P.30
T.P.27
5
b
-
b
-
b
-
b
-
b
-
abb
SG4
bab
SG4
bba
SG4
b
-
b
-
OPEN
GND
-
-40
-35
dB
C.T.C.1
Crosstalk 1
between channels
(10MHz)
T.P.35
T.P.30
T.P.27
5
abb
SG3
bab
SG3
bba
SG3
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
GND
-
-50
-40
dB
C.T.C.2
Crosstalk 2
between channels
(10MHz)
T.P.35
T.P.30
T.P.27
5
b
-
b
-
b
-
b
-
b
-
abb
SG3
bab
SG3
bba
SG3
b
-
b
-
a
OPEN
-
-50
-40
dB
C.T.C.3
Crosstalk 3
between channels
(100MHz)
T.P.35
T.P.30
T.P.27
5
abb
SG4
bab
SG4
bba
SG4
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
GND
-
-30
-25
dB
C.T.C.4
Crosstalk 4
between channels
(100MHz)
T.P.35
T.P.30
T.P.27
5
b
-
b
-
b
-
b
-
b
-
abb
SG4
bab
SG4
bba
SG4
b
-
b
-
a
OPEN
-
-30
-25
dB
Tr1
Pulse characteris-
tics 1
T.P.35
T.P.30
T.P.27
5
a
SG6
a
SG6
a
SG6
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
GND
-
1.6
2.5
nsec
Tf1
T.P.35
T.P.30
T.P.27
5
a
SG6
a
SG6
a
SG6
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
GND
-
1.6
2.5
nsec
Tr2
Pulse characteris-
tics 2
T.P.35
T.P.30
T.P.27
5
b
-
b
-
b
-
b
-
b
-
a
SG6
a
SG6
a
SG6
b
-
b
-
a
OPEN
-
1.6
2.5
nsec
Tf2
T.P.35
T.P.30
T.P.27
5
b
-
b
-
b
-
b
-
b
-
a
SG6
a
SG6
a
SG6
b
-
b
-
a
OPEN
-
1.6
2.5
nsec
HV SW portion
VOH1
High-level output
voltage 1
T.P.21
T.P.22
5
b
-
b
-
b
-
c
5.0V
c
5.0V
b
-
b
-
b
-
b
-
b
-
b
GND
4.5
5.0
-
V
VOH2
High-level output
voltage 2
T.P.21
T.P.22
5
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
-
c
5.0V
c
5.0V
a
OPEN
4.5
5.0
-
V
VOL1
Low-level output
voltage 1
T.P.21
T.P.22
5
b
-
b
-
b
-
c
0V
c
0V
b
-
b
-
b
-
b
-
b
-
b
GND
-
0.2
5.0
V
VOL2
Low level output
voltage 2
T.P.21
T.P.22
5
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
-
c
0V
c
0V
a
OPEN
-
0.2
5.0
V
Vith1
Input threshold
voltage 1
T.P.8
T.P.9
5
b
-
b
-
b
-
c
Vari-
able
c
Vari-
able
b
-
b
-
b
-
b
-
b
-
b
GND
2.0
2.5
3.0
V
Vith2
Input threshold
voltage 2
T.P.17
T.P.18
5
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
-
c
Vari-
able
c
Vari-
able
a
OPEN
2.0
2.5
3.0
V
Trd1
Rising delay time 1
T.P.21
T.P.22
5
b
-
b
-
b
-
a
SG7
a
SG7
b
-
b
-
b
-
b
-
b
-
b
GND
-
100
150
nsec
Trd2
Rising delay time 2
T.P.21
T.P.22
5
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
-
a
SG7
a
SG7
a
OPEN
-
100
150
nsec
Tfd1
Falling delay
time 1
T.P.21
T.P.22
5
b
-
b
-
b
-
a
SG7
a
SG7
b
-
b
-
b
-
b
-
b
-
b
GND
-
50
100
nsec
Tfd2
Falling delay
time 2
T.P.21
T.P.22
5
b
-
b
-
b
-
b
-
b
-
b
-
b
-
b
-
a
SG7
a
SG7
a
OPEN
-
50
100
nsec
Vsth1
Switching thresh-
old voltage 1
T.P.19
5
a
SG1
a
SG1
a
SG1
a
SG7
a
SG7
b
-
b
-
b
-
b
-
b
-
c
0.5
1.5
2.0
V
Vsth2
Switching thresh-
old voltage 2
T.P.19
5
b
-
b
-
b
-
b
-
b
-
a
SG1
a
SG1
a
SG1
a
SG7
a
SG7
c
0.5
1.5
2.0
V


Similar Part No. - M52348FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
   WIDE FREQUENCY BAND ANALOG SWITCH
More results

Similar Description - M52348FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61323SP RENESAS-M61323SP Datasheet
295Kb / 20P
   Wide Frequency Band Analog Switch
logo
Mitsubishi Electric Sem...
M52348SP MITSUBISHI-M52348SP Datasheet
67Kb / 10P
   WIDE FREQUENCY BAND ANALOG SWITCH
logo
Renesas Technology Corp
M61324SP RENESAS-M61324SP Datasheet
4Mb / 16P
   WIDE FREQUENCY BAND ANALOG SWITCH
logo
Mitsubishi Electric Sem...
M61323SP MITSUBISHI-M61323SP Datasheet
130Kb / 15P
   WIDE FREQUENCY BAND ANALOG SWITCH
M52758SP MITSUBISHI-M52758SP Datasheet
178Kb / 10P
   WIDE BAND ANALOG SWITCH
M52755FP MITSUBISHI-M52755FP Datasheet
69Kb / 9P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52758SP RENESAS-M52758SP Datasheet
156Kb / 17P
   Wide Band Analog Switch
Mar 31, 2008
logo
Mitsubishi Electric Sem...
M52757FP MITSUBISHI-M52757FP Datasheet
229Kb / 5P
   WIDE BAND ANALOG SWITCH
logo
Renesas Technology Corp
M52757FP RENESAS-M52757FP Datasheet
196Kb / 7P
   Wide Band Analog Switch
logo
Mitsubishi Electric Sem...
M52756SP MITSUBISHI-M52756SP Datasheet
585Kb / 19P
   WIDE BAND ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com