Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI8451DB Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SI8451DB
Description  P-Channel 1.5-V Rated MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI8451DB Datasheet(HTML) 8 Page - Vishay Siliconix

  SI8451DB Datasheet HTML 1Page - Vishay Siliconix SI8451DB Datasheet HTML 2Page - Vishay Siliconix SI8451DB Datasheet HTML 3Page - Vishay Siliconix SI8451DB Datasheet HTML 4Page - Vishay Siliconix SI8451DB Datasheet HTML 5Page - Vishay Siliconix SI8451DB Datasheet HTML 6Page - Vishay Siliconix SI8451DB Datasheet HTML 7Page - Vishay Siliconix SI8451DB Datasheet HTML 8Page - Vishay Siliconix SI8451DB Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
www.vishay.com
8
Document Number: 69845
S-82119-Rev. B, 08-Sep-08
Vishay Siliconix
Si8451DB
PACKAGE OUTLINE
MICRO FOOT: 6-BUMP (2 x 3, 0.5 mm PITCH)
Notes (Unless otherwise specified):
1. All dimensions are in millimeters.
2. Six (6) solder bumps are lead (Pb)-free 95.5Sn/3.8Ag/0.7Cu with diameter
∅ 0.30 to 0.32 mm.
3. Backside surface is coated with a Ti/Ni/Ag layer.
4. Non-solder mask defined copper landing pad.
5.
· is location of Pin 1.
Notes:
a. Use millimeters as the primary measurement.
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see http://www.vishay.com/ppg?69845.
e
e
S
S
D
D
S
G
A
B
C
1
2
Recommended Land
E
e
Mark on Backside of Die
s
XXX
8451
s
e
6 x Ø 0.24 to 0.26 Note 3
Solder Mask ~ Ø 0.25
Bump Note 2
6 x Ø b
Dim.
Millimetersa
Inches
Min.
Nom.
Max.
Min.
Nom.
Max.
A
0.510
0.575
0.590
0.0201
0.0224
0.0232
A1
0.220
0.250
0.280
0.0087
0.0098
0.0110
A2
0.290
0.300
0.310
0.0114
0.0118
0.0122
b
0.300
0.310
0.320
0.0118
0.0122
0.0126
e
0.500
0.0197
s
0.230
0.250
0.270
0.0090
0.0098
0.0106
D
0.920
0.960
1.000
0.0362
0.0378
0.0394
E
1.420
1.460
1.500
0.0559
0.0575
0.0591


Similar Part No. - SI8451DB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI8451 ETC2-SI8451 Datasheet
462Kb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Silicon Laboratories
Si8451AA-B-IS1 SILABS-Si8451AA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8451AB-B-IS1 SILABS-Si8451AB-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8451BA-B-IS1 SILABS-Si8451BA-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
Si8451BB-B-IS1 SILABS-Si8451BB-B-IS1 Datasheet
1Mb / 36P
   LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
More results

Similar Description - SI8451DB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3499DV VISHAY-SI3499DV Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI5499DC VISHAY-SI5499DC Datasheet
143Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. B, 04-Feb-08
SI3499DV VISHAY-SI3499DV_08 Datasheet
91Kb / 6P
   P-Channel 1.5-V (G-S) MOSFET
Rev. A, 18-Oct-04
SI8435DB VISHAY-SI8435DB Datasheet
120Kb / 8P
   P-Channel 1.5-V (G-S) MOSFET
Rev. D, 08-Sep-08
SI3499DV VISHAY-SI3499DV_V01 Datasheet
235Kb / 10P
   P-Channel 1.5 V (G-S) MOSFET
01-Jan-2022
logo
Fairchild Semiconductor
FDZ291P FAIRCHILD-FDZ291P Datasheet
170Kb / 6P
   P-Channel 1.5 V Specified PowerTrench BGA MOSFET
FDY1002PZ FAIRCHILD-FDY1002PZ Datasheet
257Kb / 7P
   Dual P-Channel (-1.5 V) Specified PowerTrench MOSFET
FDZ291P FAIRCHILD-FDZ291P_06 Datasheet
247Kb / 6P
   P-Channel 1.5 V Specified PowerTrench짰 BGA MOSFET
logo
Will Semiconductor Ltd.
WPM1480 WILLSEMI-WPM1480 Datasheet
507Kb / 6P
   Single P-Channel, -20 V, -1.5 A,Power Mosfet
logo
Fairchild Semiconductor
FDZ391P FAIRCHILD-FDZ391P Datasheet
256Kb / 7P
   P-Channel 1.5 V PowerTrench짰 Thin WL-CSP MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com