Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LU7-307-500 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # LU7-307-500
Description  Cable assembly - Standardportfolio
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

LU7-307-500 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  LU7-307-500 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG LU7-307-500 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data Sheet
Cable assembly - Standardportfolio
RPC-N Plug / RPC-N Plug RA – RTK 162
LU7-307-XXX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Fax
: +49 8684 18-499
Email : info@rosenberger.de
Page
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 c-H
Available variants
Type
“A”
(mm)
“C”
(mm)
Insertion loss
≤ (dB) at 18 GHz
Marking
Weight
(g) / pce
LU7-307-500
500
20±3
1.20
ROSENBERGER
WW/YY
XXX
LU7-307-500
177
LU7-307-1000
1000
20±3
2.10
ROSENBERGER
WW/YY
XXX
LU7-307-1000
213
LU7-307-1500
1500
20±3
2.90
ROSENBERGER
WW/YY
XXX
LU7-307-1500
250
LU7-307-2000
2000
20±3
3.70
ROSENBERGER
WW/YY
XXX
LU7-307-2000
286
WW - week
YY - year
XXX – serial no.
Documents
Technical data sheet connectors
RPC-N plug
05S121-2U7S3
RPC-N plug right angle
05S221-2U7S3
Technical data sheet cable
RTK 162
Assembly parts
Connector left
RPC-N plug
05S121-2U7S3
Connector right
RPC-N plug right angle
05S221-2U7S3
Cable
RTK 162
Beschriftung
Marking


Similar Part No. - LU7-307-500

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU7-308-1000 ROSENBERGER-LU7-308-1000 Datasheet
80Kb / 2P
   Cable assembly - Standardportfolio
LU7-308-1500 ROSENBERGER-LU7-308-1500 Datasheet
80Kb / 2P
   Cable assembly - Standardportfolio
LU7-308-2000 ROSENBERGER-LU7-308-2000 Datasheet
80Kb / 2P
   Cable assembly - Standardportfolio
LU7-308-500 ROSENBERGER-LU7-308-500 Datasheet
80Kb / 2P
   Cable assembly - Standardportfolio
More results

Similar Description - LU7-307-500

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
LU5-104-300 ROSENBERGER-LU5-104-300 Datasheet
539Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-300 ROSENBERGER-LU5-100-300 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-100-500 ROSENBERGER-LU5-100-500 Datasheet
214Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-300 ROSENBERGER-LU5-101-300 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-1000 ROSENBERGER-LU5-101-1000 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU8-102-500 ROSENBERGER-LU8-102-500 Datasheet
77Kb / 2P
   Cable assembly - Standardportfolio
LU7-153-500 ROSENBERGER-LU7-153-500 Datasheet
79Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-500 ROSENBERGER-LU7-036-500 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-1500 ROSENBERGER-LU7-036-1500 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
LU5-101-750 ROSENBERGER-LU5-101-750 Datasheet
210Kb / 2P
   Cable assembly - Standardportfolio
LU7-036-2000 ROSENBERGER-LU7-036-2000 Datasheet
112Kb / 2P
   Cable assembly - Standardportfolio
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com