Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53QS105-S00S3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 53QS105-S00S3
Description  ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

53QS105-S00S3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  53QS105-S00S3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 53QS105-S00S3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
ADAPTOR
SnapN 50
 PLUG - RPC-N 50 PLUG
53QS105-S00S3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 11 GHz
Return loss
 26 dB, DC to 11 GHz
Insertion loss
 0.05 dB x
[GHz]
f
dB
Insulation resistance
 5 G
Center contact resistance
 1 m
Outer contact resistance
 1 m
Test voltage (at sea level)
2500 V rms
Working voltage (at sea level)
500 V rms
RF-leakage
 90 dB @ DC to 1 GHz
Mechanical data
Mating cycles RPC-N
 500
Mating cycles SnapN
 200
Center contact captivation
 28 N
Coupling test torque RPC-N
1.70 Nm
Recommended torque RPC-N
0.70 Nm to 1.10 Nm
Engagement force SnapN
30 N typical
Disengagement force SnapN
30 N typical
Please always use the latching sleeve for locking and unlocking units
Environmental data
Temperature range
-40°C to +85°C
Thermal shock
IEC 61169-1, Subclause 9.4.4
Corrosion
IEC 61169-1, Subclause 9.4.6
Vibration
IEC 61169-1, Subclause 9.3.3
Shock
IEC 61169-1, Subclause 9.3.14
Moisture resistance
IEC 61169-1, Subclause 9.4.3
RoHS
compliant
Tooling
N/A
Suitable cables
N/A
Weight
Weight
65.8 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Herbert Babinger
02/08/06
J_Gramsamer
31.03.15
b00
15-0397
J_Krautenbacher
31.03.15
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 53QS105-S00S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
53QS105-K00S3 ROSENBERGER-53QS105-K00S3 Datasheet
105Kb / 2P
   ADAPTOR
53QS105-K20S3 ROSENBERGER-53QS105-K20S3 Datasheet
554Kb / 3P
   Calibration Adaptor
53QS105-K20S3 ROSENBERGER-53QS105-K20S3 Datasheet
557Kb / 2P
   Calibration Kit Adapter Version
More results

Similar Description - 53QS105-S00S3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
18K107-K00L5 ROSENBERGER-18K107-K00L5 Datasheet
109Kb / 2P
   Adaptor
53S101-S00N5 ROSENBERGER-53S101-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
28K132-S00N5 ROSENBERGER-28K132-S00N5 Datasheet
56Kb / 2P
   ADAPTOR
01S108-K00D3 ROSENBERGER-01S108-K00D3 Datasheet
514Kb / 2P
   Adaptor
02K108-K00S3 ROSENBERGER-02K108-K00S3 Datasheet
170Kb / 2P
   ADAPTOR
03K105-K00S3 ROSENBERGER-03K105-K00S3 Datasheet
76Kb / 2P
   ADAPTOR
28K160-S00N5 ROSENBERGER-28K160-S00N5 Datasheet
40Kb / 2P
   ADAPTOR
03S109-K00S3 ROSENBERGER-03S109-K00S3 Datasheet
195Kb / 2P
   ADAPTOR
03K109-S00S3 ROSENBERGER-03K109-S00S3 Datasheet
191Kb / 2P
   ADAPTOR
09KR102-S0AS3 ROSENBERGER-09KR102-S0AS3 Datasheet
765Kb / 2P
   ADAPTOR
02KR107-P0AS3 ROSENBERGER-02KR107-P0AS3 Datasheet
262Kb / 2P
   ADAPTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com