Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74456082 Datasheet(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74456082
Description  WE-PD4 SMD Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74456082 Datasheet(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74456082_15 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74456082_15 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2.4
2.3
2.2
2.1
2.0
REV
2015-05-18
2014-06-24
2014-03-27
2013-05-13
2006-09-27
DATE
SSt
SSt
SSt
SSt
SSt
BY
ALa
SSt
SSt
ALa
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD4 SMD Power Inductor
Order.- No.
74456082
SIZE
A4
Size: Type L
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 74456082_15

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74456082 WURTH-74456082 Datasheet
138Kb / 3P
   POWER-CHOKE WE-PD 4
More results

Similar Description - 74456082_15

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74455122 WURTH-74455122_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456147 WURTH-74456147_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456056 WURTH-74456056_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74458115 WURTH-74458115_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74455068 WURTH-74455068_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456222 WURTH-74456222_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74457115 WURTH-74457115_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74458122 WURTH-74458122_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456015 WURTH-74456015_15 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
74456022 WURTH-74456022 Datasheet
1Mb / 6P
   WE-PD4 SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com