Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1068240 Datasheet(PDF) 5 Page - SICK AG

Part No. 1068240
Description  CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1068240 Datasheet(HTML) 5 Page - SICK AG

  1068240 Datasheet HTML 1Page - SICK AG 1068240 Datasheet HTML 2Page - SICK AG 1068240 Datasheet HTML 3Page - SICK AG 1068240 Datasheet HTML 4Page - SICK AG 1068240 Datasheet HTML 5Page - SICK AG 1068240 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CLV615-F3000 | CLV61x
BAR CODE SCANNERS
Reading field diagram
150
(5.91)
(5.91)
(7.87)
(9.84)
(11.81)
(13.78)
(-5.91)
-150
100
(3.94)
(3.94)
(-3.94)
-100
50
(1.97)
(1.97)
(13.8 mil)
(19.7 mil)
(-1.97)
-50
0
Reading distance in mm (inch)
Resolution
b: 0.35 mm
c: 0.50 mm
0
50
100
150
200
250
300
350
Reading field height in mm (inch)
b
c
Recommended accessories
Other models and accessories
www.sick.com/CLV61x
Brief description
Type
Part no.
Mounting brackets and plates
Bracket with adapter board
Mounting bracket
2042902
Modules
Small connection module for one sensor, 4 cable glands, base for CMC600
CDB620-001
1042256
Fieldbus proxy/gateway for connecting identification sensors to PROFIBUS-DP networks
(PROFIBUS interface: 2 x M12, male connector/female connector, 5-pin)
CDF600-2100
1058965
Fieldbus proxy/gateway for connecting identification sensors to PROFIBUS-DP networks
(PROFIBUS interface: 1 x D-Sub, female connector, 9-pin)
CDF600-2103
1058966
Modular connection module for one sensor
CDM420-0001
1025362
Plug connectors and cables
Head A: female connector, D-Sub, 9-pin, straight
Head B: female connector, D-Sub, 9-pin, straight
Cable: serial, unshielded, 3 m
For PC connection
Data connection
cable (RS-232) to PC
2014054
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn