Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AC582 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # AC582
Description  20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

AC582 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  AC582 Datasheet HTML 1Page - Teledyne Technologies Incorporated AC582 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
FREQUENCY - MHz
Gain vs Temperature AC581
Gain vs Temperature AC582
Noise Figure
KEY: + 25 ° C
+85 ° C
- 55 ° C
21.0
19.0
17.0
15.0
13.0
Power Output at 1 dB Compression
60
50
40
30
20
Intercept Point - AC581
60
50
40
30
20
Intercept Point - AC582
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
FREQUENCY - MHz
10
20
30
50
100
200
300
400
500
600
5.0
4.0
3.0
2.0
24.0
23.0
22.0
21.0
AC581
AC582
2nd HAR
IP 3
IP 2
2nd HAR
IP 3
IP 2
25.0
24.0
23.0
22.0
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
10
20
30
50
100
200
300
400
500
600
AC581
AC582
AC581/AC582
Model: AC582
Vcc=+15V
Icc=48.59
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.56
1.74
21.52
-165
2.30
-31.6
20
1.38
1.53
22.21
-173
2.30
-30.9
50
1.19
1.36
22.96
173
1.30
-30.2
100
1.13
1.34
23.08
155
0.99
-30.1
200
1.18
1.45
22.69
126
0.80
-30.1
300
1.25
1.57
22.48
101
0.71
-30.3
400
1.38
1.58
22.71
74
0.74
-29.9
500
1.74
1.53
23.01
42
0.89
-29.6
600
2.43
1.96
22.50
4
1.00
-30.7
LINEAR S-PARAMETERS
Model: AC582
Vcc=+15V
Icc=48.59
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.22
-40.8
11.91
-164.6
0.026
9.5
0.27
141.8
20
0.16
-44.4
12.90
-173.0
0.028
5.6
0.21
132.8
50
0.09
-49.7
14.06
173.0
0.031
-1.7
0.15
112.2
100
0.06
-31.4
14.25
155.1
0.031
-11.1
0.14
91.2
200
0.08
-21.0
13.63
126.2
0.031
-27.3
0.18
60.9
300
0.11
-28.5
13.30
100.7
0.030
-42.8
0.22
30.8
400
0.16
-31.8
13.66
73.9
0.032
-61.0
0.23
-10.0
500
0.27
-45.3
14.14
42.0
0.033
-84.8
0.21
-78.7
600
0.42
-71.5
13.33
4.20
0.029
-114.2
0.32
-165.5
700
0.51
-100.9
10.54
-32.9
0.022
-145.3
0.53
138.2
Model: AC582
Vcc=+12V
Icc=38.72
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.56
1.71
21.33
-164
2.3
-31.5
20
1.39
1.51
22.03
-173
2.3
-30.9
50
1.20
1.34
22.79
173
1.3
-30.1
100
1.14
1.31
22.92
155
0.99
-30.0
200
1.20
1.42
22.56
126
0.81
-30.1
300
1.27
1.53
22.39
101
0.71
-30.3
400
1.42
1.54
22.66
74
0.75
-29.7
500
1.82
1.51
22.97
41
0.9
-29.5
600
2.59
2.04
22.44
3
1.1
-30.7
Model: AC581
Vcc=+15V
Icc=30.80
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.70
1.81
21.86
-165
2.30
-31.4
20
1.49
1.57
22.51
-173
2.30
-30.9
50
1.28
1.34
23.21
173
1.30
-30.1
100
1.24
1.25
23.31
156
0.96
-30.1
200
1.32
1.26
23.02
127
0.79
-30.3
300
1.37
1.29
22.86
102
0.70
-30.5
400
1.43
1.32
23.05
76
0.71
-30.2
500
1.56
1.39
23.45
48
0.79
-29.9
600
1.81
1.69
23.64
15
0.92
-30.4
Model: AC581
Vcc=+12V
Icc=24.69
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.75
1.79
21.55
-164
2.40
-31.3
20
1.53
1.54
22.21
-173
2.40
-30.7
50
1.32
1.31
22.93
173
1.30
-29.9
100
1.27
1.22
23.04
155
0.97
-29.9
200
1.35
1.22
22.74
127
0.79
-30.1
300
1.39
1.26
22.60
101
0.71
-30.5
400
1.45
1.29
22.81
75
0.72
-30.2
500
1.59
1.40
23.22
46
0.81
-30.0
600
1.88
1.77
23.39
12
0.94
-30.6


Similar Part No. - AC582

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC580 TELEDYNE-AC580 Datasheet
175Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
AC581 TELEDYNE-AC581 Datasheet
175Kb / 2P
   20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC583 TELEDYNE-AC583 Datasheet
174Kb / 2P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AC582

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AC581 TELEDYNE-AC581 Datasheet
175Kb / 2P
   20 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC575 TELEDYNE-AC575 Datasheet
176Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
List of Unclassifed Man...
AC519 ETC-AC519 Datasheet
120Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
Teledyne Technologies I...
AC576 TELEDYNE-AC576 Datasheet
179Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
List of Unclassifed Man...
AC558 ETC-AC558 Datasheet
106Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
AC524 ETC-AC524 Datasheet
119Kb / 2P
   5 TO 500 MHz TO-8 CASCADABLE AMPLIFIERS
logo
Tyco Electronics
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 20 to 500 MHz
logo
M/A-COM Technology Solu...
A80 MA-COM-A80_15 Datasheet
635Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
logo
Tyco Electronics
A81-2 MACOM-A81-2 Datasheet
100Kb / 1P
   20 TO 500 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
A81-3 MA-COM-A81-3_15 Datasheet
634Kb / 3P
   Cascadable Amplifier 20 to 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com